Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ELL6RH5R6M Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ELL6RH5R6M
Description  SMD Choke Coils
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ELL6RH5R6M Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ELL6RH5R6M Datasheet HTML 1Page - Panasonic Semiconductor ELL6RH5R6M Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Choke Coils
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
SMD type choke coils (2.5 mm, 3.0 mm)
Features
Thin (height 2.5 mm, 3.0 mm)
Higher reliability in mounting by separated user terminal
and internal connection.
Large current capability
Recommended Applications
Video, Audio, Mobile communications, Electric
battery driven equipment
As a decoupling choke coil in DC/DC converters
(S.M.P.S)
Cautionary Notes Regarding Usage in DC/DC
converters
Maximum Dissipation of 1 W.
Maximum case temperature of 105 °C
(Ambient & self-heating temperature)
SMD Choke Coils
Series:
H
Type ELL61H
Type:
ELL61H
E
1
L
2
L
3
6
4
5
H
6
2
7
2
8
0
9
M
10
11
R
S
2.8 max.
Height (mm)
3.3 max.
H
2R2® 2.2 µH
221® 220 µH
ELL 6
Product Code
Outer size
Option
Height Structure
Inductance, Tolerance
Choke Coil (magnetic shielded type)
Inductance
Series
Tolerance
S
±20 %
Explanation of Part Numbers
Standard Packing Quantity
1000 pcs./Reel
Singapore
Mar. 2005


Similar Part No. - ELL6RH5R6M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL6RH5R6M PANASONIC-ELL6RH5R6M Datasheet
225Kb / 2P
   SMD Choke Coils
ELL6RH5R6M PANASONIC-ELL6RH5R6M Datasheet
96Kb / 3P
   Power Inductors / Wire Wound type Large current capability RoHS compliant
More results

Similar Description - ELL6RH5R6M

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ELL5PS100M PANASONIC-ELL5PS100M Datasheet
114Kb / 2P
   SMD Choke Coils
ELL-6PG100M PANASONIC-ELL-6PG100M Datasheet
122Kb / 2P
   SMD Choke Coils
ELL-6GM6R8N PANASONIC-ELL-6GM6R8N Datasheet
164Kb / 2P
   SMD Choke Coils
logo
Panasonic Battery Group
ELLATV1R5N PANASONICBATTERY-ELLATV1R5N Datasheet
62Kb / 2P
   SMD Choke Coils
logo
Panasonic Semiconductor
ELL6SH220M PANASONIC-ELL6SH220M Datasheet
225Kb / 2P
   SMD Choke Coils
logo
Frontier Electronics.
SCM2012FH-I FRONTIER-SCM2012FH-I_15 Datasheet
222Kb / 2P
   SMD COMMON MODE CHOKE COILS
SCM7038F FRONTIER-SCM7038F Datasheet
165Kb / 1P
   SMD COMMON MODE CHOKE COILS
logo
Panasonic Semiconductor
ELC11D2R2F PANASONIC-ELC11D2R2F Datasheet
321Kb / 4P
   Choke coils
ELL-6PG6R8N PANASONIC-ELL-6PG6R8N Datasheet
83Kb / 2P
   Choke Coils
ELC-09D101DF PANASONIC-ELC-09D101DF Datasheet
136Kb / 7P
   Choke Coils
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com