Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZHCS500 Datasheet(PDF) 11 Page - Zetex Semiconductors

Part # ZHCS500
Description  LED DRIVER SOLUTION FOR LCD BACKLIGHTING
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZHCS500 Datasheet(HTML) 11 Page - Zetex Semiconductors

Back Button ZHCS500 Datasheet HTML 6Page - Zetex Semiconductors ZHCS500 Datasheet HTML 7Page - Zetex Semiconductors ZHCS500 Datasheet HTML 8Page - Zetex Semiconductors ZHCS500 Datasheet HTML 9Page - Zetex Semiconductors ZHCS500 Datasheet HTML 10Page - Zetex Semiconductors ZHCS500 Datasheet HTML 11Page - Zetex Semiconductors ZHCS500 Datasheet HTML 12Page - Zetex Semiconductors ZHCS500 Datasheet HTML 13Page - Zetex Semiconductors ZHCS500 Datasheet HTML 14Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Output Power Calculation
By making the above assumptions for inductance and
peak current the output power can be determined by:
Note:VOUT=output voltage + Schottky rectifier voltage
drop.
Where
TOFF
≅1.7us (internally set by ZXSC310)
and
and
Where
Operating frequency can be derived by:
Capacitor selection
For pulsed operation, as in the maximum battery life
solution, no capacitors are required at the output to the
LED. For rectified operation, as in the maximum
brightness solution, a small value ceramic capacitor is
required, typically 2.2uF.
Generally an input capacitor is not required, but a small
ceramic capacitor may be added to aid EMC, typically
470nF to 1uF.
(notes)
ZXSC310
PROVISIONAL ISSUE A - SEPTEMBER 2001
11
()
II
VV
T
L
MIN
PK
OUT
IN
OFF
=−
−×
()
F
TT
ON
OFF
=
+
1
I
II
AV
PK
MIN
=
+
2
()
T
TV
V
V
ON
OFF
OUT
IN
IN
=
PV
V
I
T
TT
OUT
OUT
IN
AV
OFF
ON
OFF
=−
×
×
+
()


Similar Part No. - ZHCS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZHCS500 ZETEX-ZHCS500 Datasheet
102Kb / 3P
   SILICON HIGH CURRENT SCHOTTKY BARRIER DIODE ?쏶uperBAT?
ZHCS500 ZETEX-ZHCS500 Datasheet
233Kb / 16P
   ADJUSTABLE LED DRIVER WITH INTERNAL SWITCH AND OPEN CIRCUIT PROTECTION IN SC70-6
logo
Diodes Incorporated
ZHCS500 DIODES-ZHCS500 Datasheet
113Kb / 3P
   SOT23 SILICON HIGH CURRENT
ZHCS500 DIODES-ZHCS500 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZHCS500 DIODES-ZHCS500 Datasheet
438Kb / 5P
   SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - ZHCS500

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
   LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
[Old version datasheet]   White LED Driver for LCD Monitors Backlighting
logo
Dialog Semiconductor
IW7027 DIALOG-IW7027 Datasheet
463Kb / 9P
   16-Channel LED Driver for LCD Panel Backlighting
IW7023 DIALOG-IW7023 Datasheet
1Mb / 35P
   16-Channel LED Driver for LCD Panel Backlighting
IW7028 DIALOG-IW7028 Datasheet
387Kb / 8P
   10-Channel LED Driver for LCD Panel Backlighting
IW7016 DIALOG-IW7016 Datasheet
407Kb / 7P
   6-Channel LED Driver for LCD Panel Backlighting
IW7032 DIALOG-IW7032 Datasheet
1Mb / 31P
   32-Channel LED Driver for LCD Panel Backlighting
IW7019 DIALOG-IW7019 Datasheet
843Kb / 9P
   8-Channel LED Driver for LCD Panel Backlighting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com