Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M392T5663QZHA Datasheet(PDF) 4 Page - Samsung semiconductor

Part # M392T5663QZHA
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M392T5663QZHA Datasheet(HTML) 4 Page - Samsung semiconductor

  M392T5663QZHA Datasheet HTML 1Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 2Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 3Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 4Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 5Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 6Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 7Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 8Page - Samsung semiconductor M392T5663QZHA Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
- 4 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
3. DDR2 SDRAM Module Ordering Information
3 : DIMM
4 : SODIMM
78 : x64 240pin Unbuffered DIMM
91 : x72 240pin ECC unbuffered DIMM
92 : x72 240pin VLP Registered DIMM
93 : x72 240pin Registered DIMM
95 : x72 240pin Fully Buffered DIMM
70 : x64 200pin Unbuffered SODIMM
32 : 32M
33 : 32M (for 128Mb/512Mb)
64 : 64M
65 : 64M (for 128Mb/512Mb)
28 : 128M
29 : 128M (for 128Mb/512Mb)
56 : 256M
57 : 256M (for 512Mb/2Gb)
51 : 512M
52 : 512M (for 512Mb/2Gb)
1G : 1G
1K : 1G (for 2Gb)
0 : Mother PCB
2 : 2nd Rev.
4 : 4th Rev.
T : DDR2 SDRAM
1. Memory Module : M
2. DIMM Type
3. Data Bits
4. DRAM Component Type
5. Depth
12. Speed
11. Temp & Power
10. PCB Revision
8. Component Revision
5 : 4Banks & SSTL-1.8V
6 : 8Banks & SSTL-1.8V
6. # of Banks in comp. & Interface
1 : 1st Rev.
3 : 3rd Rev.
A : Parity DIMM
S : Reduced PCB
: DDR2-400 (200MHz @ CL=3, tRCD=3, tRP=3)
: DDR2-533 (266MHz @ CL=4, tRCD=4, tRP=4)
: DDR2-667 (333MHz @ CL=5, tRCD=5, tRP=5)
: DDR2-800 (400MHz @ CL=6, tRCD=6, tRP=6)
: DDR2-800 (400MHz @ CL=5, tRCD=5, tRP=5)
CC
D5
E6
F7
E7
C
L
Y
: Commercial Temp.( 0
°C ~ 95°C) & Normal Power
: Commercial Temp.( 0
°C ~ 95°C) & Low Power
: Commercial Temp.( 0
°C ~ 95°C) & Low Voltage
PCB Revision
Component Revision
# of Banks in Comp. & Interface
Depth
DRAM Component Type
Data bits
DIMM Type
Memory Module
Package
Temp & Power
Speed
M X X X T X X X X X X X - X X X X
1
2
3
4
5
6
7
8
9
10
11
12
13
Bit Organization
AMB Vendor
0 : x 4
3 : x 8
4 : x16
6 : x 4 Stack (JEDEC Standard)
7 : x 8 Stack (JEDEC Standard)
8 : x 4 Stack
9 : x 8 Stack
7. Bit Organization
13. AMB Vendor For FBDIMM
: Intel
: IDT
: Montage
5
6, 8
3, 4
NOTE : PC2-6400(DDR2-800), PC2-5300(DDR2-667)
PC2-4200(DDR2-533), PC2-3200(DDR2-400)
M
B
D
F
I
R
:
:
:
:
:
:
1st Gen.
3rd Gen.
5th Gen.
7th Gen.
10th Gen.
18th Gen.
A
C
E
G
Q
:
:
:
:
:
2nd Gen.
4th Gen.
6th Gen.
8th Gen.
17th Gen.
Z
J
Q
H
M
E
B
:
:
:
:
:
:
:
FBGA(Lead-free)
FBGA DDP (Lead-free)
FBGA QDP (Lead-free)
FBGA (Lead-free & Halogen-free)
FBGA DDP (Lead-free & Halogen-free)
FBGA QDP (Lead-free & Halogen-free)
FBGA (Lead-free & Halogen-free, Flip Chip)
9. Package


Similar Part No. - M392T5663QZHA

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M392T5160CJA-CF7 SAMSUNG-M392T5160CJA-CF7 Datasheet
620Kb / 26P
   DDR2 Registered SDRAM MODULE
More results

Similar Description - M392T5663QZHA

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com