Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M471B5273BH1 Datasheet(PDF) 3 Page - Samsung semiconductor

Part # M471B5273BH1
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M471B5273BH1 Datasheet(HTML) 3 Page - Samsung semiconductor

  M471B5273BH1 Datasheet HTML 1Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 2Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 3Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 4Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 5Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 6Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 7Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 8Page - Samsung semiconductor M471B5273BH1 Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
- 3 -
Product Guide
DDR3 SDRAM Memory
May. 2010
2. DDR3 SDRAM Component Product Guide
* NOTE : 1.35V product is 1.5V operatable.
Density
Banks
Part Number
Package & Power,
Temp. (-C/-L) & Speed
Org.
VDD Voltage
PKG
Avail.
NOTE
1Gb E-die
8Banks
K4B1G0446E
HC(L)F7/F8/H9/K0
256M x 4
1.5V
78 ball
FBGA
Now
K4B1G0846E
HC(L)F7/F8/H9/K0
128M x 8
K4B1G1646E
HC(L)F7/F8/H9/K0
64M x 16
96 ball
FBGA
K4B1G0446E
HYF7/F8/H9
256M x 4
1.35V
78 ball
FBGA
K4B1G0846E
HYF7/F8/H9
128M x 8
1Gb F-die
8Banks
K4B1G0446F
HC(L)F8/H9/K0
256M x 4
1.5V
78 ball
FBGA
Now
K4B1G0846F
HC(L)F8/H9/K0
128M x 8
K4B1G0446F
HY(L)F8/H9
256M x 4
1.35V
K4B1G0846F
HY(L)F8/H9
128M x 8
2Gb B-die
8Banks
K4B2G0446B
HC(L)F7/F8/H9
512M x 4
1.5V
78 ball
FBGA
Now
K4B2G0846B
HC(L)F7/F8/H9
256M x 8
K4B2G1646B
HC(L)F7/F8/H9
128M x 16
96 ball
FBGA
K4B2G0446B
HYF7/F8/H9
512M x 4
1.35V
78 ball
FBGA
K4B2G0846B
HYF7/F8/H9
256M x 8
2Gb C-die
8Banks
K4B2G0446C
HC(L)F8/H9/K0
512M x 4
1.5V
78 ball
FBGA
Now
K4B2G0846C
HC(L)F8/H9/K0
256M x 8
K4B2G0446C
HY(L)F8/H9
512M x 4
1.35V
K4B2G0846C
HY(L)F8/H9
256M x 8
DDP 2Gb E-die
8Banks
K4B2G0446E
MC(L)F7/F8/H9
512M x 4
1.5V
78 ball
FBGA
Now
K4B2G0846E
MC(L)F7/F8/H9
256M x 8
4Gb A-die
8Banks
K4B4G0446A
HC(L)F8/H9/K0
1G x 4
1.5V
78 ball
FBGA
Now
K4B2G0846A
HC(L)F8/H9/K0
512M x 8
K4B4G0446A
HY(L)F8/H9/K0
1G x 4
1.35V
K4B2G0846A
HY(L)F8/H9/K0
512M x 8
DDP 4Gb B-die
8Banks
K4B4G0446B
MC(L)F7/F8/H9
1G x 4
1.5V
78 ball
FBGA
Now
K4B2G0846B
MC(L)F7/F8/H9
512M x 8
DDP 4Gb C-die
8Banks
K4B4G0446C
MC(L)F7/F8/H9
1G x 4
1.5V
78 ball
FBGA
Feb.’10
K4B2G0846C
MC(L)F7/F8/H9
512M x 8


Similar Part No. - M471B5273BH1

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M471B5173DB0-YK0 SAMSUNG-M471B5173DB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M471B5173EB0-YK0 SAMSUNG-M471B5173EB0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M471B5173QH0-YK0 SAMSUNG-M471B5173QH0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
M471B5674QH0-YK0 SAMSUNG-M471B5674QH0-YK0 Datasheet
4Mb / 28P
   PRODUCT SELECTION GUIDE Displays, Memory and Storage
2H 2014
More results

Similar Description - M471B5273BH1

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com