Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPBT2532C2AT Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPBT2532C2AT
Description  Bluetooth technology class-2 module
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPBT2532C2AT Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPBT2532C2AT Datasheet HTML 7Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 8Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 9Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 10Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 11Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 12Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 13Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 14Page - STMicroelectronics SPBT2532C2AT Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
SPBT2532C2.AT
Bluetooth parameters
Doc ID 16089 Rev 3
11/48
5
Bluetooth parameters
5.1
RF performance characteristics
In the performance characteristics table the following applies:
Test condition: nominal
Voltage: typical, VIN = 3.0 V
Temperature: typical TA = 25 °C
Note:
For more complete data, please refer to STM STLC2500D datasheet.
Table 5.
RF performance characteristics
Parameters
Conditions
BT spec Typical
Unit
Antenna load
50
Ω
Radio receiver
Sensitivity level
BER < 0.001 with DH5
-70
-85
dBm
Maximum usable level
BER < 0.001 with DH1
-20
+8
dBm
Input VSWR
2.5:1
Radio transmitter
Output power
50 load
-6 to +4
+2
dBm
Initial carrier frequency tolerance
±75
±30
kHz
20 dB bandwidth for modulated carrier
≤1000
930
kHz


Similar Part No. - SPBT2532C2AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPBT2532C2.AT2 STMICROELECTRONICS-SPBT2532C2.AT2 Datasheet
561Kb / 27P
   Bluetooth V2.1 EDR module class 2 embedding SPP and AT commands
More results

Similar Description - SPBT2532C2AT

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DLBM-CF120 DELTA-DLBM-CF120 Datasheet
246Kb / 13P
   Bluetooth Module Class 2
logo
List of Unclassifed Man...
F2M03C2 ETC2-F2M03C2 Datasheet
765Kb / 46P
   Class 2 Bluetooth??Module
logo
Delta Electronics, Inc.
DLBM-CH122 DELTA-DLBM-CH122 Datasheet
166Kb / 13P
   Bluetooth Module Class 2
logo
STMicroelectronics
GS-BT2416C2 STMICROELECTRONICS-GS-BT2416C2 Datasheet
237Kb / 10P
   Bluetooth Class 2 Module
logo
Delta Electronics, Inc.
DFBM-CM22A DELTA-DFBM-CM22A Datasheet
356Kb / 9P
   Bluetooth Module Class 2
DLBM-CH120 DELTA-DLBM-CH120 Datasheet
353Kb / 40P
   Bluetooth Module Class 2
logo
Panasonic Semiconductor
ENW89815C3KF PANASONIC-ENW89815C3KF Datasheet
667Kb / 33P
   CLASS 2 BLUETOOTH MODULE
logo
HANAMICRON
HBM2X1M HANAMICRON-HBM2X1M Datasheet
211Kb / 18P
   Bluetooth V1.2 Class 2 Module
HBH2X1M HANAMICRON-HBH2X1M Datasheet
239Kb / 16P
   Bluetooth V2.0 EDR Class 2 Module
logo
List of Unclassifed Man...
F1E21 ETC2-F1E21 Datasheet
839Kb / 14P
   BLUETOOTH V2.0 EDR CLASS 2 MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com