Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSF351D-GX20 Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # FSF351D-GX20
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSF351D-GX20 Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button FSF351D-GX20 Datasheet HTML 2Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 3Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 4Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 5Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 6Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 7Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 8Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 9Page - Sanyo Semicon Device FSF351D-GX20 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
8
RS485
RS232C
Molded case
circuit breaker
Noise filter
Electromagnetic
contactor
Switches driver power
on/off. Use together
with a surge protector.
Filters out incoming
noise from power line.
Protects the power line.
Cuts off circuit in the
event of overcurrent.
Single
phase
AC100V
to
AC230V
t
r
Encoder cable
E
Motor connector
bundled
2
AC power
connector
bundled
1
AC power cable
optional
A
L +50 mm(+.16 feet)
D
Brake cable
L +50 mm(+.16 feet)
E
Cable for encoder use
I/O Signal
Connector
bundled
3
I/O signal cable
optional
C
Brake connector
2
Brake cable
D
63.5(2.52)
27(1.06)
B
3
57600
Term
2
F.Dup
Func
Parity
bps
Use
None
No.
1
toGND
Echo
to+5V
9
1
19200
9600
8
0
38400
A
2
3
6,7
4,5
307200
F
7
None
D
5
128000
115200
C
4
153600
E
6
8
DSW
RSW
RX TX
F
Part number for RS232C-RS485 converter :
232485CFP01-01
G
RS232 cable is supplied by user.
H
Partnumberfor FPcommunicationscable :
PM-C08S0100-05
J
Partnumberfor bundled software :
SFPA1W-01
pleasedownloadfromwebsite
F
Converter [unit : mm
inch]
Cable
H
Converter
F
G
Software
J
L:m
feet
Part number
10
32.81
PM-C03B1000-01
5
16.40
PM-C03B0500-01
3
9.84
PM-C03B0300-01
1
3.28
PM-C03B0100-01
Leadwire
PVC cable
AWG22
0.3mm2
Housing
1-1318120-3
AMP
Contact
1318107-1
AMP
Leadwire
4-pair PVC shielded cable
AWG22
0.3mm2
Housing
1-1318118-6
AMP
Plug
1318107-1
AMP
L:m
feet
Part number
10
32.81
PM-C12S1000-01
5
16.40
PM-C12S0500-01
3
9.84
PM-C12S0300-01
1
3.28
PM-C12S0100-01
Host Devices
PLC and controllers are available as
the host device.
PLC


Similar Part No. - FSF351D-GX20

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FSF03B60 NIEC-FSF03B60 Datasheet
175Kb / 1P
   FRED
logo
National Instruments Co...
FSF03B60 NI-FSF03B60_15 Datasheet
175Kb / 1P
   FRED
logo
Nihon Inter Electronics...
FSF03D60 NIEC-FSF03D60 Datasheet
178Kb / 1P
   FRED
logo
National Instruments Co...
FSF03D60 NI-FSF03D60_15 Datasheet
173Kb / 1P
   FRED
logo
Kyocera Kinseki Corpota...
FSF03F60 KSS-FSF03F60 Datasheet
784Kb / 5P
   Fast Recovery Diode
More results

Similar Description - FSF351D-GX20

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com