Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4T1G164QF Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4T1G164QF
Description  Consumer Memory
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T1G164QF Datasheet(HTML) 3 Page - Samsung semiconductor

  K4T1G164QF Datasheet HTML 1Page - Samsung semiconductor K4T1G164QF Datasheet HTML 2Page - Samsung semiconductor K4T1G164QF Datasheet HTML 3Page - Samsung semiconductor K4T1G164QF Datasheet HTML 4Page - Samsung semiconductor K4T1G164QF Datasheet HTML 5Page - Samsung semiconductor K4T1G164QF Datasheet HTML 6Page - Samsung semiconductor K4T1G164QF Datasheet HTML 7Page - Samsung semiconductor K4T1G164QF Datasheet HTML 8Page - Samsung semiconductor K4T1G164QF Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
- 3 -
Product Guide
Consumer Memory
Apr. 2010
11. Speed
Revision
Bank
Organization
Density & Refresh
Product
DRAM
SAMSUNG Memory
Interface (VDD, VDDQ)
Package Type
Temperature & Power
K 4 X X X X X X X X - X X X X
1
2
3
4
5
6
7
8
9
10
11
Speed
75 : 7.5ns, PC133 (133MHz CL=3)
60 : 6.0ns (166MHz CL=3)
50 : 5.0ns (200MHz CL=3)
40 : 4.0ns (250MHz CL=3)
B0 : DDR266 (133MHz @ CL=2.5, tRCD=3, tRP=3)
B3 : DDR333 (166MHz @ CL=2.5, tRCD=3, tRP=3)
CC : DDR400 (200MHz @ CL=3, tRCD=3, tRP=3)
E6 : DDR2-667 (333MHz @ CL=5, tRCD=5, tRP=5)
E7 : DDR2-800 (400MHz @ CL=5, tRCD=5, tRP=5)
F7 : DDR2/3-800 (400MHz @ CL=6, tRCD=6, tRP=6)
F8 : DDR2/3-1066 (533MHz @ CL=7, tRCD=7, tRP=7)
H9 : DDR3-1333 (667MHz @ CL=9, tRCD=9, tRP=9)
K0 : DDR3-1600 (800MHz @ CL=11, tRCD=11, tRP=11)
7A : GDDR3-2.6Gbps (0.77ns)
08 : GDDR3-2.4Gbps (0.8ns)
1A : GDDR3-2.0Gbps (1.0ns)
12 : GDDR3-1.6Gbps (1.25ns)
14 : GDDR3-1.4Gbps (1.4ns)


Similar Part No. - K4T1G164QF

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G164QF SAMSUNG-K4T1G164QF Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G164QF-BCE6 SAMSUNG-K4T1G164QF-BCE6 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G164QF-BCE6000 SAMSUNG-K4T1G164QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM 60FBGA/84FBGA with Lead-Free & Halogen-Free (RoHS compliant)
K4T1G164QF-BCE7 SAMSUNG-K4T1G164QF-BCE7 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G164QF-BCF7 SAMSUNG-K4T1G164QF-BCF7 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
More results

Similar Description - K4T1G164QF

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
RP-SMTEXXDA1 PANASONIC-RP-SMTEXXDA1 Datasheet
146Kb / 2P
   microSDXC Memory Card, Consumer plus MLC Model
logo
Fujitsu Component Limit...
MB81ES641645A-07 FUJITSU-MB81ES641645A-07 Datasheet
63Kb / 1P
   64 Mbit SDR I/F Consumer FCRAM Consumer Embedded Application Specific Memory
logo
Panasonic Semiconductor
RP-SDMF08DA1 PANASONIC-RP-SDMF08DA1 Datasheet
405Kb / 2P
   SDHC/SDXC Memory Card, Consumer TLC Model
logo
Fujitsu Component Limit...
MB81ES653225-12 FUJITSU-MB81ES653225-12 Datasheet
485Kb / 10P
   Consumer/Embedded Application Specific Memory for SiP
logo
Panasonic Semiconductor
RP-SDQEXXDA1 PANASONIC-RP-SDQEXXDA1 Datasheet
357Kb / 2P
   SDHC Memory Card, Consumer Plus pSLC Model
RP-SDUEXXDA1 PANASONIC-RP-SDUEXXDA1 Datasheet
203Kb / 2P
   SDXC Memory Card, Consumer Plus MLC Model
RP-SMPEXXDA1 PANASONIC-RP-SMPEXXDA1 Datasheet
390Kb / 2P
   microSD/SDHC Memory Card, Consumer Plus pSLC Model
RP-SMTTXXDA1 PANASONIC-RP-SMTTXXDA1 Datasheet
152Kb / 2P
   microSDHC/microSDXC Memory Card, Consumer Plus MLC Model
logo
Fujitsu Component Limit...
MB81EDS256445 FUJITSU-MB81EDS256445 Datasheet
398Kb / 52P
   MEMORY Consumer FCRAM CMOS 256M Bit (4 bank x 1M word x 64 bit) Consumer Applications Specific Memory for SiP
MB81EDS516545 FUJITSU-MB81EDS516545 Datasheet
444Kb / 60P
   MEMORY Consumer FCRAM CMOS 512M Bit (4 bank x 2M word x 64 bit) Consumer Applications Specific Memory for SiP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com