Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH1721FVC Datasheet(PDF) 8 Page - Rohm

Part # BH1721FVC
Description  Digital 16bit Serial Output Type Ambient Light Sensor IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH1721FVC Datasheet(HTML) 8 Page - Rohm

Back Button BH1721FVC Datasheet HTML 4Page - Rohm BH1721FVC Datasheet HTML 5Page - Rohm BH1721FVC Datasheet HTML 6Page - Rohm BH1721FVC Datasheet HTML 7Page - Rohm BH1721FVC Datasheet HTML 8Page - Rohm BH1721FVC Datasheet HTML 9Page - Rohm BH1721FVC Datasheet HTML 10Page - Rohm BH1721FVC Datasheet HTML 11Page - Rohm BH1721FVC Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
BH1721FVC
Technical Note
8/15
www.rohm.com
2010.02 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Application circuit example of DVI terminal
The DVI terminal is an asynchronous reset terminal. Please note that there is a possibility that IC doesn't operate normally if
the reset section is not installed after the start-up of VCC.
(Please refer to the paragraph of "Timing chart for VCC and DVI power supply sequence”)
The description concerning SDA and the terminal SCL is omitted in this application circuit example. Please design the
application the standard of the I
2C bus as it finishes being satisfactory.
ex 1) The control signal line such as CPU is connected.
ex 2) Reset IC is used.
1, For Reset IC of the Push-Pull type
2, For Reset IC of the Open drain output
ex 3) A different power supply is used.
Power supply of DVI must stand up later than power supply of VCC stand up, because it is necessary to secure reset section ( 1µs or more ).
RESET
Reset IC( Push-Pull type )
BH1721FVC
0.1µF
VCC SCL
SDA
DVI
GND
0.1µF
0.1µF
Reset IC( Open drain type )
RESET
1kΩ
0.1µF
BH1721FVC
0.1µF
VCC SCL
SDA
DVI
GND
0.1µF
Micro
Controller
0.1µF
BH1721FVC
0.1µF
VCC SCL
SDA
DVI
GND
0.1µF
0.1µF
V2
V1
BH1721FVC
0.1µF
VCC SCL
SDA
DVI
GND
0.1µF


Similar Part No. - BH1721FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1721FVC ROHM-BH1721FVC Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC-TR ROHM-BH1721FVC-TR Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results

Similar Description - BH1721FVC

ManufacturerPart #DatasheetDescription
logo
Rohm
BH1730FVC ROHM-BH1730FVC Datasheet
456Kb / 21P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1750FVI ROHM-BH1750FVI Datasheet
433Kb / 18P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1710FVC ROHM-BH1710FVC_09 Datasheet
464Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1721FVC ROHM-BH1721FVC_11 Datasheet
463Kb / 19P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1780GLI ROHM-BH1780GLI Datasheet
220Kb / 14P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1751FVI ROHM-BH1751FVI Datasheet
495Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC_10 Datasheet
404Kb / 17P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BH1715FVC ROHM-BH1715FVC Datasheet
447Kb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
BU27030NUC ROHM-BU27030NUC Datasheet
1Mb / 16P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
06.Dec.2019 Rev.002
BH1726NUC ROHM-BH1726NUC Datasheet
1Mb / 20P
   Digital 16bit Serial Output Type Ambient Light Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com