Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STM660OGA54DM6F Datasheet(PDF) 7 Page - STMicroelectronics

Part # STM660OGA54DM6F
Description  Smart push-button on/off controller with Smart ResetTM and power-on lockout
Download  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM660OGA54DM6F Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STM660OGA54DM6F Datasheet HTML 3Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 4Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 5Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 6Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 7Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 8Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 9Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 10Page - STMicroelectronics STM660OGA54DM6F Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 51 page
background image
STM6600 - STM6601
Description
Doc ID 15453 Rev 7
7/51
Figure 5.
TDFN12 pin connections
Table 2.
Pin descriptions
Pin number
Symbol
Function
1VCC
Power supply input
2SR
Smart Resetbutton input
3VREF
Precise 1.5 V voltage reference
4PSHOLD
PSHOLD input
5CSRD
Adjustable Smart Resetdelay time input
6PB
Push-button input
7VCCLO
Output for high threshold comparator output (VTH+)
8PBOUT
Status of PB push-button input
9EN or EN
Enable output
10
RST
Reset output
11
INT
Interrupt output
12
GND
Ground
AM00245v1
GND
C
SRD
PS
HOLD
VCC
EN (EN)
RST
INT
5
1
4
8
67
9
10
11
12
3
2
PB
OUT
SR
VREF
PB
VCC
LO


Similar Part No. - STM660OGA54DM6F

ManufacturerPart #DatasheetDescription
logo
SamHop Microelectronics...
STM6610 SAMHOP-STM6610 Datasheet
123Kb / 7P
   Dual N-Channel E nhancement Mode F ield E ffect Transistor
More results

Similar Description - STM660OGA54DM6F

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC2951-1 LINER-LTC2951-1 Datasheet
217Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6510 STMICROELECTRONICS-STM6510 Datasheet
380Kb / 26P
   Dual push-button Smart ResetTM with capacitor-adjustable delays
logo
Linear Technology
LTC2951 LINER-LTC2951 Datasheet
193Kb / 16P
   Push Button On/Off Controller
LTC2950-1 LINER-LTC2950-1 Datasheet
427Kb / 16P
   Push Button On/Off Controller
logo
STMicroelectronics
STM6502 STMICROELECTRONICS-STM6502 Datasheet
454Kb / 29P
   Dual push-button Smart ResetTM with user-adjustable setup delays
logo
Linear Technology
LTC2953 LINER-LTC2953_15 Datasheet
215Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
LTC2953 LINER-LTC2953 Datasheet
203Kb / 20P
   Push Button On/Off Controller with Voltage Monitoring
logo
STMicroelectronics
STM6513 STMICROELECTRONICS-STM6513 Datasheet
284Kb / 29P
   Dual push-button Smart ResetTM with dual reset outputs and user-selectable setup delay
logo
Linear Technology
LTC2954 LINER-LTC2954 Datasheet
584Kb / 16P
   Push Button On/Off Controller with 關P Interrupt
logo
STMicroelectronics
STM6520 STMICROELECTRONICS-STM6520 Datasheet
263Kb / 23P
   Dual push-button Smart Reset??with push-button controlled output delay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com