Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSF851D-CX36 Datasheet(PDF) 10 Page - Sanyo Semicon Device

Part # FSF851D-CX36
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSF851D-CX36 Datasheet(HTML) 10 Page - Sanyo Semicon Device

Back Button FSF851D-CX36 Datasheet HTML 2Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 3Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 4Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 5Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 6Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 7Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 8Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 9Page - Sanyo Semicon Device FSF851D-CX36 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
9
5-phase STEPPING SYSTEMS
AC input
Part number convention
Thefollowing part number specifies asystemwithanFseries driver
type code : FS1W075Pandasingle
shaftFseriesmotor
type code:103F7851-7041,
60mm2.36inchsquare flange, and 46.5mm1.83inch
motor length, equipped with low-backlash gear
reduction ratio of 1/3.6.
F
78
1
S - CX3.6
Stepping motor flange size
35
28mm1.10inch)  85φ 86mmφ 3.39inch
55
42mm1.65inch)  89φ 106mmφ 4.17inch
78
60mm2.36inch
Stepping motor total length
Stepping motor shaft spec
S : Single shaft
D : Double shaft
System spec
Code
Motor flange size
28mm
1.10inch
42mm
1.65inch
60mm
2.36inch
φ 86mm
φ 3.39inch
φ 106mm
φ 4.17inch
Type
code
Motorlength:
mm
inch
Type
code
Motor length :
mm
inch
Type
code
Motorlength:
mm
inch
Type
code
Motorlength:
mm
inch
Type
code
Motor length :
mm
inch
13505
31
1.22
5505
34
1.34
7851
46.5
1.838581
62.2
2.45
25508
40
1.57
7852
55
2.17
8582
92.2
3.6389582 163.36.43
37853
87.5
3.448583
125.9
4.9689583 221.3
8.71
45510
49
1.93
63515
50.5
1.99
System type
ⅠⅡⅢ
Flange side) (End cap side) (Reduction ratio
Spur gear
G
──
Low-backlash gear
C
──
Harmonic gear
H
──
No system at Flange side
X
──
Electromagnetic brake
B
No system at End cap side
X
Gear ratio
──
3.6to100
Flange side)(End cap side
Spur gear
Low-backlash gear
Harmonic gear
Electromagnetic
FS : AC Power source Standard type
FP : AC Power positioning-function-included type
Stepping motor series name
F
F series motor
M
M series motorCE/UL
FS


Similar Part No. - FSF851D-CX36

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSF85-16-L PANDUIT-FSF85-16-L Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF85-18-L PANDUIT-FSF85-18-L Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
More results

Similar Description - FSF851D-CX36

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com