Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP1L02002035MP Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MP1L02002035MP
Description  Contactless Linear Sensor - IP64 Debris Proof, Splash Proof
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MP1L02002035MP Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MP1L02002035MP Datasheet HTML 1Page - List of Unclassifed Manufacturers MP1L02002035MP Datasheet HTML 2Page - List of Unclassifed Manufacturers MP1L02002035MP Datasheet HTML 3Page - List of Unclassifed Manufacturers MP1L02002035MP Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
spectrasymbol.com
(888) 795-2283
Page 4
Diagram - Stock Rotary MagnetoPot
How to Order - Rotary MagnetoPot
Electrical Schematic
Material Cross-Section
10K
(RIGHT BUS BAR)
PIN 3 (GND)
PIN 2
PIN 1 (V+)
(LEFT BUS BAR)
(COLLECTOR)
0.05 [0.002] 3M ADHESIVE
3.33 [0.131] TOTAL (±10%)
3.28 [0.129] CIRCUIT
0353
Active Angle
R
Model
R = Rotary
MP1
0046 = 45.57mm
0353 = 353°
0046
103
Resistance
103 = 10 KOhm
Center of
Active Track
Connectors
ST = Solder Tab
MP = Male Pins
RH = Receptacles w/Plain Housing
RL = Receptacles w/Latch Housing
RD = Receptacles w/Detent Housing
ST
5%
Ind. Linearity
5% = ±5%
Series
MP1 = MagnetoPot
6.08 [0.239]
(TYP)
79.01 [3.111]
4.83 [0.190]
ACTIVE WIDTH
R12.70 [R0.500]
THRU
R32.87 [R1.294]
OUTER DIAMETER
353°
ACTIVE
ANGLE
10.16 [0.400]
PIN 1
Ø45.57 [Ø1.794]
CENTER OF TRACK
2xR1.59 [R0.062]


Similar Part No. - MP1L02002035MP

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
MP1 INFINEON-MP1 Datasheet
216Kb / 2P
   Multimedia Platform
2004
logo
Emerson Network Power
MP1 EMERSON-NETWORKPOWER-MP1 Datasheet
411Kb / 8P
   Current share on all outputs with ratings of 10 A or greater
logo
GREATECS
MP1 GREATECS-MP1 Datasheet
698Kb / 1P
   Miniature SPST Micro Switches
logo
List of Unclassifed Man...
MP1-10B ETC2-MP1-10B Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
MP1-10C ETC2-MP1-10C Datasheet
412Kb / 2P
   Flush and extended pushbuttons Non-illuminated Momentary and maintained
More results

Similar Description - MP1L02002035MP

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1212598 PHOENIX-1212598 Datasheet
45Kb / 2P
   Shock-proof, dust-proof, and splash-proof housing, IP65
logo
Glenair, Inc.
370AA006B08 GLENAIR-370AA006B08 Datasheet
207Kb / 2P
   Splash-Proof Cable Sealing Backshell
370AA005B08 GLENAIR-370AA005B08 Datasheet
200Kb / 2P
   Splash-Proof Cable Sealing Backshell
logo
List of Unclassifed Man...
SPL00501031ST ETC2-SPL00501031ST Datasheet
436Kb / 5P
   Linear Position Sensor- IP65 Dust Proof, Water Proof (Intense Spray)
logo
Molex Electronics Ltd.
0501488100 MOLEX7-0501488100 Datasheet
88Kb / 2P
   Splash Proof Crimp Terminal 50148, Bag
logo
List of Unclassifed Man...
9WV0948P1H001 ETC2-9WV0948P1H001 Datasheet
122Kb / 2P
   Splash Proof Fan San Ace 92W
logo
SANYO DENKI CO., LTD.
9WPA0612P4G001 SANYODENKI-9WPA0612P4G001 Datasheet
743Kb / 4P
   San Ace 60W Splash Proof Fan
logo
Molex Electronics Ltd.
0501488000 MOLEX7-0501488000 Datasheet
89Kb / 3P
   Splash Proof Crimp Terminal 50148, Reel
logo
C&K Components
TFS CK-COMPONENTS-TFS Datasheet
368Kb / 8P
   Splash Proof Miniature Snap-acting Switches
logo
SANYO DENKI CO., LTD.
9B1W2TP24P0H001 SANYODENKI-9B1W2TP24P0H001 Datasheet
840Kb / 4P
   Bracket-mounted Splash Proof Centrifugal Fan
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com