Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD9528MUV-E2 Datasheet(PDF) 4 Page - Rohm

Part # BD9528MUV-E2
Description  Main Power Supply ICs for Note PC(Linear Regulator Integrated)
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9528MUV-E2 Datasheet(HTML) 4 Page - Rohm

  BD9528MUV-E2 Datasheet HTML 1Page - Rohm BD9528MUV-E2 Datasheet HTML 2Page - Rohm BD9528MUV-E2 Datasheet HTML 3Page - Rohm BD9528MUV-E2 Datasheet HTML 4Page - Rohm BD9528MUV-E2 Datasheet HTML 5Page - Rohm BD9528MUV-E2 Datasheet HTML 6Page - Rohm BD9528MUV-E2 Datasheet HTML 7Page - Rohm BD9528MUV-E2 Datasheet HTML 8Page - Rohm BD9528MUV-E2 Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Technical Note
4/33
BD9528MUV
www.rohm.com
2010.03 - Rev.A
© 2010 ROHM Co., Ltd. All rights reserved.
●Electrical characteristics – Continued
(unless otherwise noted, Ta=25℃ VIN=12V, CTL=OPEN, EN1=EN2=5V, FS1=FS2=51kΩ)
Parameter
Symbol
Standard Value
Unit
Condition
MIN.
TYP.
MAX.
[H
3REG block]
Ontime1
TON1
0.760
0.910
1.060
μs
Vo1=5V
Ontime2
TON2
0.470
0.620
0.770
μs
Vo2=3.3V
Maximum On time 1
TONMAX1
2.5
5
10
μs
Vo1=5V
Maximum On time 2
TONMAX2
1.65
3.3
6.6
μs
Vo2=33V
Minimum Off time
TOFFMIN
-
0.2
0.4
μs
[FET driver block]
HG higher side ON resistor
HGHON
-
3.0
6.0
HG lower side ON resistor
HGLON
-
2.0
4.0
LG higher side ON resistor
LGHON
-
2.0
4.0
LG lower side ON resistor
LGLON
-
0.5
1.0
[Over voltage protection block]
OVP threshold voltage
VOVP
0.77
(+10%)
0.84
(+20%)
0.91
(+30%)
V
OVP Hysteresis
dV_OVP
50
150
300
mV
[Short circuit protection block]
SCP threshold voltage
VSCP
0.42
(-40%)
0.49
(-30%)
0.56
(-20%)
V
Delay time
TSCP
0.4
0.75
1.5
ms
[Current limit protection block]
Offset voltage
dVSMAX
80
100
120
mV
ILIM=100k
[Power good block]
Power good low threshold
VPGTHL
0.525
(-25%)
0.595
(-15%)
0.665
(-5%)
V
Power good low voltage
VPGL
-
0.1
0.2
V
IPGOOD=1mA
Delay time
TPGOOD
0.4
0.75
1.5
ms
Power good leakage current
ILEAKPG
-2
0
2
μA
VPGOOD=5V
[Soft start block]
Charge current
ISS
1.5
2.3
3.1
μA
Standby voltage
VSS_STB
-
-
50
mV
[Mode control block]
MCTL Low voltage
VMCTL_L
-0.3
-
0.3
V
MCTL High voltage
VMCTL_H
2.3
-
REG1
+0.3
V
MCTL bias current
IMCTL
8
16
24
μA
MCTL=5V


Similar Part No. - BD9528MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9528 ROHM-BD9528 Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
BD9528AMUV ROHM-BD9528AMUV Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
More results

Similar Description - BD9528MUV-E2

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9524MUV ROHM-BD9524MUV Datasheet
639Kb / 21P
   Main Power Supply IC for Note PC(Linear Regulator Integrated)
BD9524MUV ROHM-BD9524MUV_10 Datasheet
628Kb / 21P
   Main Power Supply IC for Note PC (Linear Regulator Integrated)
logo
Panasonic Semiconductor
AN12948A PANASONIC-AN12948A Datasheet
260Kb / 8P
   Audio Power IC for Note PC
logo
Rohm
BD9528AMUV ROHM-BD9528AMUV Datasheet
975Kb / 30P
   High Performance Regulators for PCs Main Power Supply for Notebook PCs(With Built-in Linear Regulator)
logo
Power Integrations, Inc...
DI-20 POWERINT-DI-20 Datasheet
67Kb / 2P
   145 W PC Main ATX Supply
DI-30 POWERINT-DI-30 Datasheet
482Kb / 2P
   180 W PC Main SFX Supply
logo
ATMEL Corporation
QTAN0015 ATMEL-QTAN0015 Datasheet
73Kb / 4P
   Power Supply Considerations for QT ICs
logo
Renesas Technology Corp
M62235P RENESAS-M62235P Datasheet
1Mb / 4P
   Standard Linear ICs Switching power supply secondary side control
logo
Samsung semiconductor
ICR18650-28A SAMSUNG-ICR18650-28A Datasheet
263Kb / 17P
   Lithium-ion Battery for Note-PC
1.0
logo
Rohm
BD8160EFV ROHM-BD8160EFV Datasheet
354Kb / 6P
   Main Power Supply For TFT-LCD Display Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com