Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1610T Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TEA1610T
Description  Zero-voltage-switching resonant converter controller
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1610T Datasheet(HTML) 2 Page - NXP Semiconductors

  TEA1610T Datasheet HTML 1Page - NXP Semiconductors TEA1610T Datasheet HTML 2Page - NXP Semiconductors TEA1610T Datasheet HTML 3Page - NXP Semiconductors TEA1610T Datasheet HTML 4Page - NXP Semiconductors TEA1610T Datasheet HTML 5Page - NXP Semiconductors TEA1610T Datasheet HTML 6Page - NXP Semiconductors TEA1610T Datasheet HTML 7Page - NXP Semiconductors TEA1610T Datasheet HTML 8Page - NXP Semiconductors TEA1610T Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
TEA1610T_P_3
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 03 — 26 March 2007
2 of 21
NXP Semiconductors
TEA1610P; TEA1610T
Zero-voltage-switching resonant converter controller
3.
Applications
4.
Quick reference data
[1]
The frequency of the oscillator depends on the value of capacitor Cf, the peak-to-peak voltage swing VCF,
and the charge/discharge currents ICF(ch) and ICF(dis).
[2]
This parameter applies specifically to the error amplifier.
5.
Ordering information
I TV and monitor power supplies
I High voltage power supplies
Table 1.
Quick reference data
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VHS
high side driver voltage
0
-
600
V
IGH(source)
high side output source
current
VDD(F) = 13 V;
VSH = 0 V;
VGH = 0 V
−135
−180
−225
mA
IGL(source)
low side output source
current
VGL = 0 V
−135
−180
−225
mA
IGH(sink)
high side output sink
current
VDD(F) = 13 V;
VSH = 0 V;
VGH = 13 V
-
300
-
mA
IGL(sink)
low side output sink current VGL = 14 V
-
300
-
mA
fbridge(max)
maximum bridge frequency CF = 100 pF;
IIFS = 1 mA;
IIRS = 200 µA;
fbridge =
[1] 450
500
550
kHz
VI(CM)
common mode input
voltage
[2] -
-
2.5
V
f
OSC
2
-------------
Table 2.
Ordering information
Type number
Package
Name
Description
Version
TEA1610P
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
TEA1610T
SO16
plastic small outline package; 16 leads; body width 3.9 mm;
low stand-off height
SOT109-2


Similar Part No. - TEA1610T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1610T PHILIPS-TEA1610T Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
More results

Similar Description - TEA1610T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1612T NXP-TEA1612T Datasheet
116Kb / 19P
   Zero voltage switching resonant converter controller
Rev. 01-24 September 2009
TEA1610P PHILIPS-TEA1610P Datasheet
110Kb / 20P
   Zero-voltage-switching resonant converter controller
2001 Apr 25
TEA1611T NXP-TEA1611T Datasheet
109Kb / 18P
   Zero voltage switching resonant converter controller
Rev. 01-7 September 2009
logo
Texas Instruments
SLUA159 TI-SLUA159 Datasheet
794Kb / 28P
[Old version datasheet]   Zero Voltage Switching Resonant Power Conversion
logo
STMicroelectronics
E-L6598D013TR STMICROELECTRONICS-E-L6598D013TR Datasheet
367Kb / 24P
   High voltage resonant controller
logo
Motorola, Inc
UAA1016B MOTOROLA-UAA1016B Datasheet
339Kb / 6P
   ZERO VOLTAGE CONTROLLER
logo
STMicroelectronics
L6599 STMICROELECTRONICS-L6599 Datasheet
635Kb / 36P
   High-voltage resonant controller
L6598 STMICROELECTRONICS-L6598 Datasheet
114Kb / 16P
   HIGH VOLTAGE RESONANT CONTROLLER
L6599DTR STMICROELECTRONICS-L6599DTR Datasheet
639Kb / 36P
   High-voltage resonant controller
L6599_0807 STMICROELECTRONICS-L6599_0807 Datasheet
636Kb / 36P
   High-voltage resonant controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com