Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M470T2863EH3 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # M470T2863EH3
Description  DDR2 SDRAM Memory
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

M470T2863EH3 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button M470T2863EH3 Datasheet HTML 6Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 7Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 8Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 9Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 10Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 11Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 12Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 13Page - Samsung semiconductor M470T2863EH3 Datasheet HTML 14Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
- 10 -
Product Guide
DDR2 SDRAM Memory
Apr. 2010
240Pin DDR2 Fully Buffered DIMM(1.55V)
Org.
Density
Part Number
Speed
AMB
Composition
Comp.
Version
Internal
Banks
Rank
PKG
Height
Avail.
128Mx 72
1GB
M395T2863QZ(H)4
YE6
8: IDT L4
64M x 8 * 18pcs
1Gb
Q-die
8
1
60 ball
FBGA
30.35mm
Now
256Mx 72
2GB
M395T5663QZ(H)4
YE6
8: IDT L4
128M x 8 * 18pcs
1Gb
Q-die
8
2
60 ball
FBGA
30.35mm
Now
512Mx 72
4GB
M395T5160QZ(H)4
YE6
8: IDT L4
256M x 4 * 36pcs
1Gb
Q-die
8
260 ball
FBGA
30.35mm
Now
M395T5163QZ(H)4
YE6
8: IDT L4
128M x 8 * 36pcs
4
M395T5263AZ(H)4
YE6
8: IDT L4
256M x 8 * 18pcs
2Gb
A-die
2
68 ball
FBGA
1Gx 72
8GB
M395T1K66AZ(H)4
YE6
8: IDT L4
st.1G x 4 * 18pcs
2Gb
A-die
8
2
83 ball
FBGA
30.35mm
Now


Similar Part No. - M470T2863EH3

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M470T2864AZ3-CLE6/D5/CC SAMSUNG-M470T2864AZ3-CLE6/D5/CC Datasheet
394Kb / 20P
   DDR2 Unbuffered SODIMM 200pin Unbuffered SODIMM based on 1Gb A-die 64-bit Non-ECC
More results

Similar Description - M470T2863EH3

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT47H256M4 MICRON-MT47H256M4 Datasheet
9Mb / 131P
   DDR2 SDRAM
MT47H64M16BT-37EA MICRON-MT47H64M16BT-37EA Datasheet
9Mb / 134P
   DDR2 SDRAM
MT47H32M16HR-25E MICRON-MT47H32M16HR-25E Datasheet
9Mb / 132P
   DDR2 SDRAM
MT47H1G4 MICRON-MT47H1G4 Datasheet
333Kb / 12P
   DDR2 SDRAM
logo
Hynix Semiconductor
HY5PS12421AFP HYNIX-HY5PS12421AFP Datasheet
1Mb / 37P
   512Mb DDR2 SDRAM
H5PS5162FFR-C HYNIX-H5PS5162FFR-C Datasheet
530Kb / 39P
   512Mb DDR2 SDRAM
H5PS1G83JFR HYNIX-H5PS1G83JFR Datasheet
1Mb / 62P
   1Gb DDR2 SDRAM
HY5PS12421F HYNIX-HY5PS12421F Datasheet
623Kb / 35P
   512Mb DDR2 SDRAM
HY5PS12421FP HYNIX-HY5PS12421FP Datasheet
622Kb / 35P
   512Mb DDR2 SDRAM
logo
Micron Technology
MT4HTF1664AY MICRON-MT4HTF1664AY Datasheet
368Kb / 19P
   DDR2 SDRAM UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com