Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S281632K Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4S281632K
Description  SDRAM Product Guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S281632K Datasheet(HTML) 4 Page - Samsung semiconductor

  K4S281632K Datasheet HTML 1Page - Samsung semiconductor K4S281632K Datasheet HTML 2Page - Samsung semiconductor K4S281632K Datasheet HTML 3Page - Samsung semiconductor K4S281632K Datasheet HTML 4Page - Samsung semiconductor K4S281632K Datasheet HTML 5Page - Samsung semiconductor K4S281632K Datasheet HTML 6Page - Samsung semiconductor K4S281632K Datasheet HTML 7Page - Samsung semiconductor K4S281632K Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
General Information
SDRAM
November 2007
C. Industrial Temperature SDRAM Component Product Guide
Density
Bank
Part Number
Package*1 & Power*2
& Speed*3
Org.
Interface
Refresh
Power (V)
Package
Avail.
64Mb
K-die
4Banks
KS641632K
UI60/I75
UP60/P75
4M x 16
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
EOL
DEC.’08
64Mb
N-die
4Banks
KS641632N
LI60/I75
LP60/P75
4M x 16
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free & Halogen-free
54pin TSOP(II)
1Q’08
128Mb
I-die
4Banks
K4S281632I
UI60/I75
UP60/P75
8M x 16
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
EOL
AUG.’08
128Mb
K-die
4Banks
K4S281632K
U*4I60/I75
UP60/P75
8M x 16
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free & Halogen-free
54pin TSOP(II)*4
Now
256Mb
H-die
4Banks
K4S561632H
UI60/I75
UP60/P75
16M x 16
LVTTL
8K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
EOL
SEP.’08
256Mb
J-die
4Banks
K4S561632J
U*4I60/I75
UP60/P75
16M x 16
LVTTL
8K/64ms
3.3
± 0.3V
Lead-free & Halogen-free
54pin TSOP(II)*4
Now
Note 2 :
- Industrial Temp (-40
°C < Ta < 85°C)
Temperature and Power
Description
I
Industrial Temperature, Normal Power
P
Industrial Temperature, Low Power
Note 1 :
U : TSOP(II) (Lead-free)
L : TSOP(II) (Lead-free & Halogen-free)
Note 3 :
Speed
Description
75
7.5ns, PC133 (133Mhz @ CL=3)
60
6.0 ns (166Mhz @ CL=3)
50
5.0 ns (200Mhz @ CL=3)
Note 4 : 128Mb K-die SDR and 256Mb J-die SDR DRAMs support Lead-free & Halogen-free package with Lead-free package code(-U)


Similar Part No. - K4S281632K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S281632K SAMSUNG-K4S281632K Datasheet
542Kb / 15P
   Consumer Memory
K4S281632K SAMSUNG-K4S281632K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4S281632K-UC/L50 SAMSUNG-K4S281632K-UC/L50 Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4S281632K-UC/L60 SAMSUNG-K4S281632K-UC/L60 Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4S281632K-UC/L75 SAMSUNG-K4S281632K-UC/L75 Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
More results

Similar Description - K4S281632K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com