Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4S280832K Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4S280832K
Description  SDRAM Product Guide
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4S280832K Datasheet(HTML) 3 Page - Samsung semiconductor

  K4S280832K Datasheet HTML 1Page - Samsung semiconductor K4S280832K Datasheet HTML 2Page - Samsung semiconductor K4S280832K Datasheet HTML 3Page - Samsung semiconductor K4S280832K Datasheet HTML 4Page - Samsung semiconductor K4S280832K Datasheet HTML 5Page - Samsung semiconductor K4S280832K Datasheet HTML 6Page - Samsung semiconductor K4S280832K Datasheet HTML 7Page - Samsung semiconductor K4S280832K Datasheet HTML 8Page - Samsung semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
General Information
SDRAM
November 2007
B. SDRAM Component Product Guide
Density
Bank
Part Number
Package*1 & Power*2 &
Speed*3
Org.
Interface
Refresh
Power (V)
Package
Avail.
64Mb K-die
4Banks
K4S640832K
UC75
UL75
8M x 8
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
EOL
DEC. ’08
K4S641632K
UC50/C60/C75
UL50/L60/L75
4M x 16
64Mb N-die
4Banks
K4S640832N
LC75
LL75
8M x 8
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free & Halogen-
free
54pin TSOP(II)
4Q’07
CS
K4S641632N
LC50/C60/C75
LL50/L60/L75
4M x 16
128Mb I-die
4Banks
K4S280432I
UC75
UL75
32M x 4
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
EOL
AUG. ’08
K4S280832I
UC75
UL75
16M x 8
K4S281632I
UC60/C75
UL60/L75
8M x 16
128Mb K-die
4Banks
K4S280432K
U*4C75
UL75
32M x 4
LVTTL
4K/64ms
3.3
± 0.3V
Lead-free & Halogen-
free
54pin TSOP(II)*4
Now
K4S280832K
UC75
UL75
16M x 8
K4S281632K
UC60/C75
UL60/L75
8M x 16
256Mb H-die
4Banks
K4S560432H
UC75
UL75
64M x 4
LVTTL
8K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
EOL
SEP. ’08
K4S560832H
UC75
UL75
32M x 8
K4S561632H
UC60/C75
UL60/L75
16M x 16
256Mb J-die
4Banks
K4S560432J
U*4C75
UL75
64M x 4
LVTTL
8K/64ms
3.3
± 0.3V
Lead-free & Halogen-
free
54pin TSOP(II)*4
Now
K4S560832J
UC75
UL75
32M x 8
K4S561632J
UC60/C75
UL60/L75
16M x 16
512Mb D-die
4Banks
K4S510432D
UC75
UL75
128M x 4
LVTTL
8K/64ms
3.3
± 0.3V
Lead-free 54pin TSOP(II)
Now
K4S510832D
UC75
UL75
64M x 8
K4S511632D
UC75
UL75
32M x 16
Note 2 :
Temperature and Power
Description
C
Temperature, Normal Power
L
Temperature, Low Power
Note 1 :
U : TSOP(II) (Lead-free)
L : TSOP(II) (Lead-free & Halogen-free)
Note 3 :
* All products have backward compatibility with PC100.
Speed
Description
75
7.5ns, PC133 (133Mhz @ CL=3)
60
6.0 ns (166Mhz @ CL=3)
50
5.0 ns (200Mhz @ CL=3)
- Commercial Temp (0
°C < Ta < 70°C)
Note 4 : 128Mb K-die SDR and 256Mb J-die SDR DRAMs support Lead-free & Halogen-free package with Lead-free package code(-U)


Similar Part No. - K4S280832K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S280832K SAMSUNG-K4S280832K Datasheet
542Kb / 15P
   Consumer Memory
K4S280832K SAMSUNG-K4S280832K Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
K4S280832K-UC/L75 SAMSUNG-K4S280832K-UC/L75 Datasheet
249Kb / 15P
   128Mb K-die SDRAM Specification
More results

Similar Description - K4S280832K

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H641638N SAMSUNG-K4H641638N Datasheet
239Kb / 10P
   DDR SDRAM Product Guide
logo
Frontier Electronics.
FCLF-8520 FRONTIER-FCLF-8520 Datasheet
1Mb / 5P
   Product Guide
logo
Bel Fuse Inc.
MAGJACK BEL-MAGJACK Datasheet
1Mb / 4P
   MAGJACK PRODUCT GUIDE
logo
List of Unclassifed Man...
SI4063-B0B-FM ETC2-SI4063-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
Pulse A Technitrol Comp...
JK0-0177NL PULSE-JK0-0177NL Datasheet
976Kb / 2P
   LAN Product Guide - Servers
logo
List of Unclassifed Man...
SI4060-B0B-FM ETC2-SI4060-B0B-FM Datasheet
1Mb / 12P
   WIRELESS PRODUCT SELECTOR GUIDE
logo
TDK Electronics
CGA3E1X5R1C225K080AC TDK-CGA3E1X5R1C225K080AC Datasheet
9Mb / 64P
   2012 MLCC PRODUCT GUIDE
logo
Advanced Linear Devices
EPRODSEL ALD-EPRODSEL Datasheet
18Kb / 2P
   EPAD짰 PRODUCT SELECTION GUIDE
logo
Samsung semiconductor
K4R881869I-DC SAMSUNG-K4R881869I-DC Datasheet
45Kb / 4P
   Direct RDRAM Product Guide
K4Y54084UF-JC SAMSUNG-K4Y54084UF-JC Datasheet
39Kb / 3P
   XDRTM DRAM Product Guide
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com