Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1521P Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1521P
Description  SMPS ICs for low-power systems
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TEA1521P Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1521P Datasheet HTML 4Page - NXP Semiconductors TEA1521P Datasheet HTML 5Page - NXP Semiconductors TEA1521P Datasheet HTML 6Page - NXP Semiconductors TEA1521P Datasheet HTML 7Page - NXP Semiconductors TEA1521P Datasheet HTML 8Page - NXP Semiconductors TEA1521P Datasheet HTML 9Page - NXP Semiconductors TEA1521P Datasheet HTML 10Page - NXP Semiconductors TEA1521P Datasheet HTML 11Page - NXP Semiconductors TEA1521P Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TEA152X_3
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 03 — 23 March 2009
8 of 17
NXP Semiconductors
TEA152x
SMPS ICs for low-power systems
8.9 OverTemperature Protection (OTP)
An accurate temperature protection is provided in the device. When the junction
temperature exceeds the thermal shut-down temperature, the IC stops switching. During
thermal protection, the IC current is lowered to the start-up current. The IC continues
normal operation as soon as the over temperature situation has disappeared.
8.10 OverVoltage Protection (OVP)
Overvoltage protection can be achieved in the application by pulling pin REG above its
normal operation level. The current primary stroke is terminated immediately, and no new
primary stroke is started until the voltage on pin REG drops to its normal operation level.
Pin REG has an internal clamp. The current feed into this pin must be limited.
8.11 Output characteristics of complete power plug
Typical characteristics:
Output power: A wide range of output power levels can be handled by choosing the
RDS(on) and package of the TEA152x family. Power levels up to 30 W can be realized.
Accuracy: The accuracy of the complete converter, functioning as a voltage source
with primary sensing, is approximately 8 % (mainly dependent on the transformer
coupling). The accuracy with secondary sensing is defined by the accuracy of the
external components. For safety requirements in case of opto coupler feedback loss,
the primary sensing remains active when an overvoltage circuit is connected.
Efficiency: An efficiency of 75 % at maximum output power can be achieved for a
complete converter designed for universal mains.
Ripple: A minimum ripple is obtained in a system designed for a maximum duty factor
of 50 % under normal operating conditions, and a minimized dead time. The
magnitude of the ripple in the output voltage is determined by the frequency and duty
factor of the converter, the output current level and the value and ESR of the output
capacitor.
8.12 Input characteristics of complete power plug
Typical characteristics:
The input voltage range comprises the universal AC mains (80 V to 276 V).


Similar Part No. - TEA1521P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1521P NXP-TEA1521P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA1521P PHILIPS-TEA1521P Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
TEA1521P PHILIPS-TEA1521P Datasheet
149Kb / 20P
   STARplugTM
2000 Sep 08
TEA1521P/N2 NXP-TEA1521P/N2 Datasheet
614Kb / 2P
   Cut costs and size for effi cient low-power supplies
2007
More results

Similar Description - TEA1521P

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA152X NXP-TEA152X_10 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems
Rev. 04-14 September 2010
TEA152X PHILIPS-TEA152X Datasheet
95Kb / 17P
   SMPS ICs for low-power systems
Rev. 03-23 March 2009
TEA1523P-N2112 PHILIPS-TEA1523P-N2112 Datasheet
462Kb / 20P
   SMPS ICs for low-power systems Rev. 04 ??14 September 2010
Rev. 04-14 September 2010
SSL1623PH NXP-SSL1623PH Datasheet
85Kb / 15P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
SSL152X NXP-SSL152X_09 Datasheet
103Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 02-10 March 2009
SSL152X NXP-SSL152X Datasheet
94Kb / 17P
   SMPS ICs for mains LED drivers
Rev. 01-15 September 2008
logo
Texas Instruments
TPS650241-Q1 TI-TPS650241-Q1 Datasheet
865Kb / 32P
[Old version datasheet]   POWER MANAGEMENT ICs FOR Li-ION POWERED SYSTEMS
TPS650240 TI-TPS650240 Datasheet
955Kb / 34P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI-TPS650240_08 Datasheet
1Mb / 33P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
TPS650240 TI1-TPS650240_16 Datasheet
1Mb / 38P
[Old version datasheet]   Power Management ICs for Li-Ion Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com