Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA19989AET Datasheet(PDF) 2 Page - NXP Semiconductors

Part # TDA19989AET
Description  150 MHz pixel rate HDMI 1.3 transmitter with 3 횞 8-bit video inputs, HDCP and CEC support
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA19989AET Datasheet(HTML) 2 Page - NXP Semiconductors

  TDA19989AET Datasheet HTML 1Page - NXP Semiconductors TDA19989AET Datasheet HTML 2Page - NXP Semiconductors TDA19989AET Datasheet HTML 3Page - NXP Semiconductors TDA19989AET Datasheet HTML 4Page - NXP Semiconductors TDA19989AET Datasheet HTML 5Page - NXP Semiconductors TDA19989AET Datasheet HTML 6Page - NXP Semiconductors TDA19989AET Datasheet HTML 7Page - NXP Semiconductors TDA19989AET Datasheet HTML 8Page - NXP Semiconductors TDA19989AET Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 47 page
background image
TDA19989_1
© NXP B.V. 2010. All rights reserved.
Preliminary data sheet
Rev. 01 — 15 February 2010
2 of 47
NXP Semiconductors
TDA19989
HDMI 1.3 transmitter with HDCP and CEC support
2.
Features
Compliance:
DVI 1.0
HDMI 1.3a
EIA/CEA-861B
CEC (HDMI 1.3)
SimplayHD
HDCP 1.3
Video:
xvYCC HDMI 1.3 feature
Video formats with a pixel rate up to 150 MHz:
RGB 4:4:4
YCbCr 4:4:4
YCbCr 4 : 2 : 2 semi-planar
YCbCr 4 : 2 : 2 ITU656
Maximum resolution:
1080p for TV
1600
× 1200 at 60 Hz for PC (UXGA60)
720p/1080i in ITU656
Programmable color space converter:
RGB to YCbCr
YCbCr to RGB
Programmable input formatter and upsampler/interpolator allows input of any of the
4:4:4, 4:2:2 semi-planar, 4:2:2 ITU656-like formats
Horizontal synchronization, vertical synchronization and Data Enable (DE) inputs
or VREF, HREF and FREF could be used for input data synchronization
Pixel clock input can be made active on one or both edges (selectable by I2C-bus)
Repetition of video samples as required by HDMI specification
Audio:
2
× I2S-bus 2 channels and S/PDIF; audio data rate up to 192 kHz per input for
both standards
Deals with multiple levels of HDCP receivers and repeaters
Fig 1.
TDA19989 high-level block diagram
001aal264
I2C-BUS
SLAVE
PLL
SERIALIZER
PIXEL, REPETITION
AUDIO
video
INPUT
FORMATTER
COLOR
SPACE
CONVERTER
HDCP
1.3 cipher
CEC
HDMI
ENCODER
SERIALIZER
I2C-BUS
MASTER DDC-BUS
HMDI
TMDS
link
CEC
I2S-bus
S/PDIF
RGB
YCbCr


Similar Part No. - TDA19989AET

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
More results

Similar Description - TDA19989AET

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA19988BHN PHILIPS-TDA19988BHN Datasheet
45Kb / 1P
   Low Power, 150 MHz pixel rate HDMI 1.4a transmitter with 3 x 8 bit video inputs, HDCP and CEC support
TDA9989 NXP-TDA9989 Datasheet
238Kb / 48P
   150 MHz pixel rate HDMI 1.3a transmitter with 3 쨈 8-bit video inputs and CEC support
Rev. 02-11 June 2009
logo
List of Unclassifed Man...
TDA19989BET ETC2-TDA19989BET Datasheet
51Kb / 1P
   150 MHz pixel rate HDMI 1.4 transmitter with 3 x 8 -bit video inputs and CEC support
logo
NXP Semiconductors
TDA9983A NXP-TDA9983A Datasheet
63Kb / 9P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-13 March 2008
TDA9981B NXP-TDA9981B Datasheet
193Kb / 41P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 X I2S-bus with S/PDIF
Rev. 01-4 July 2008
TDA9983B NXP-TDA9983B Datasheet
415Kb / 119P
   HDMI transmitter up to 150 MHz pixel rate with 3 쨈 8-bit video inputs and 4 쨈 I2S-bus with S/PDIF
Rev. 01-20 May 2008
logo
Analog Devices
ADV7680 AD-ADV7680 Datasheet
77Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
Rev. Sp0
ADV7680 AD-ADV7680_16 Datasheet
60Kb / 2P
   APIX2 Transmitter with HDMI and HDCP Support
ADV7510BSTZ-P AD-ADV7510BSTZ-P Datasheet
60Kb / 2P
   Deep Color HDMI 1.3 Transmitter with CEC
Rev. SpA
logo
List of Unclassifed Man...
SII9134 ETC2-SII9134 Datasheet
870Kb / 2P
   HDMI 1.3 Transmitter with Deep Color, High Bit-Rate HD Audio Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com