Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4B4G0446B Datasheet(PDF) 4 Page - Samsung semiconductor

Part # K4B4G0446B
Description  DDR3 SDRAM Memory
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4B4G0446B Datasheet(HTML) 4 Page - Samsung semiconductor

  K4B4G0446B Datasheet HTML 1Page - Samsung semiconductor K4B4G0446B Datasheet HTML 2Page - Samsung semiconductor K4B4G0446B Datasheet HTML 3Page - Samsung semiconductor K4B4G0446B Datasheet HTML 4Page - Samsung semiconductor K4B4G0446B Datasheet HTML 5Page - Samsung semiconductor K4B4G0446B Datasheet HTML 6Page - Samsung semiconductor K4B4G0446B Datasheet HTML 7Page - Samsung semiconductor K4B4G0446B Datasheet HTML 8Page - Samsung semiconductor K4B4G0446B Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
- 4 -
Product Guide
DDR3 SDRAM Memory
May. 2010
3. DDR3 SDRAM Module Ordering Information
3 : DIMM
4 : SODIMM
Z
FBGA(Lead-free)
H
FBGA(Lead-free & Halogen-free)
J
FBGA(Lead-free, DDP)
M
FBGA(Lead-free & Halogen-free, DDP)
32 : 32M
33 : 32M (for 128Mb/512Mb)
64 : 64M
65 : 64M (for 128Mb/512Mb)
28 : 128M
29 : 128M (for 128Mb/512Mb)
56 : 256M
57 : 256M (for 512Mb/2Gb)
51 : 512M
52 : 512M (for 512Mb/2Gb)
1G : 1G
1K : 1G (for 2Gb)
2G : 2G
2K : 2G (for 2Gb)
M
1st Gen.
A
2nd Gen.
B
3rd Gen.
C
4th Gen.
D
5th Gen.
E
6th Gen.
F : 7th Gen.
G
8th Gen.
0 : None
2 : 2nd Rev.
4 : 4th Rev.
B : DDR3 SDRAM (1.5V VDD)
1. Memory Module : M
2. DIMM Type
3. Data Bits
4. DRAM Component Type
5. Depth
12. Speed
11. Temp & Power
10. PCB Revision
9. Package
8. Component Revision
7 : 8Banks & SSTL-1.5V
6. # of Banks in comp. & Interface
:
:
:
:
:
:
:
:
:
:
:
1 : 1st Rev.
3 : 3rd Rev.
S : Reduced Layer
C
Y
: Commercial Temp.( 0
°C ~ 85°C) & Normal Power
: Commercial Temp.( 0
°C ~ 85°C) & Low VDD(1.35V)
NOTE: PC3-6400(DDR3-800),PC3-8500(DDR3-1066),
PC3-10600(DDR3-1333), PC3-12800(DDR3-1600)
PCB Revision
Component Revision
# of Banks in Comp. & Interface
Depth
DRAM Component Type
Data bits
DIMM Type
Memory Module
Package
Temp & Power
Speed
M X X X B X X X X X X X - X X X
1
2
3
4
5
6
7
8
9
10
11
12
Bit Organization
0 : x 4
3 : x 8
4 : x16
7. Bit Organization
: DDR3-800 (400MHz @ CL=6, tRCD=6, tRP=6)
: DDR3-1066 (533MHz @ CL=7, tRCD=7, tRP=7)
: DDR3-1333 (667MHz @ CL=9, tRCD=9, tRP=9)
: DDR3-1600 (800MHz @ CL=11, tRCD=11, tRP=11)
F7
F8
H9
K0
71 : x64 204pin Unbuffered SODIMM
78 : x64 240pin Unbuffered DIMM
91 : x72 240pin ECC unbuffered DIMM
92 : x72 240pin VLP Registered DIMM
93 : x72 240pin Registered DIMM


Similar Part No. - K4B4G0446B

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4B4G0446B SAMSUNG-K4B4G0446B Datasheet
1Mb / 59P
   DDP 4Gb B-die DDR3 SDRAM Specification
K4B4G0446B-MCF7 SAMSUNG-K4B4G0446B-MCF7 Datasheet
1Mb / 59P
   DDP 4Gb B-die DDR3 SDRAM Specification
K4B4G0446B-MCF8 SAMSUNG-K4B4G0446B-MCF8 Datasheet
1Mb / 59P
   DDP 4Gb B-die DDR3 SDRAM Specification
K4B4G0446B-MCH9 SAMSUNG-K4B4G0446B-MCH9 Datasheet
1Mb / 59P
   DDP 4Gb B-die DDR3 SDRAM Specification
More results

Similar Description - K4B4G0446B

ManufacturerPart #DatasheetDescription
logo
Hynix Semiconductor
H5TQ1G43AFP HYNIX-H5TQ1G43AFP Datasheet
4Mb / 77P
   1Gb DDR3 SDRAM
H5TQ1G43TFR HYNIX-H5TQ1G43TFR Datasheet
458Kb / 31P
   1Gb DDR3 SDRAM
H5TQ1G83DFR HYNIX-H5TQ1G83DFR Datasheet
303Kb / 34P
   1Gb DDR3 SDRAM
H5TQ1G83EFR HYNIX-H5TQ1G83EFR Datasheet
598Kb / 33P
   1Gb DDR3 SDRAM
H5TQ2G43EFR HYNIX-H5TQ2G43EFR Datasheet
401Kb / 33P
   2Gb DDR3 SDRAM
H5TQ1G63DFR HYNIX-H5TQ1G63DFR Datasheet
2Mb / 172P
   1Gb DDR3 SDRAM
H5TQ2G83FFR HYNIX-H5TQ2G83FFR Datasheet
399Kb / 33P
   2Gb DDR3 SDRAM
H5TQ2G43BFR HYNIX-H5TQ2G43BFR Datasheet
513Kb / 35P
   2Gb DDR3 SDRAM
H5TQ2G43AFR HYNIX-H5TQ2G43AFR Datasheet
456Kb / 30P
   2Gb DDR3 SDRAM
H5TQ4G43AMR HYNIX-H5TQ4G43AMR Datasheet
458Kb / 30P
   4Gb DDR3 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com