Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4H510838D Datasheet(PDF) 3 Page - Samsung semiconductor

Part # K4H510838D
Description  DDR SDRAM Product Guide
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4H510838D Datasheet(HTML) 3 Page - Samsung semiconductor

  K4H510838D Datasheet HTML 1Page - Samsung semiconductor K4H510838D Datasheet HTML 2Page - Samsung semiconductor K4H510838D Datasheet HTML 3Page - Samsung semiconductor K4H510838D Datasheet HTML 4Page - Samsung semiconductor K4H510838D Datasheet HTML 5Page - Samsung semiconductor K4H510838D Datasheet HTML 6Page - Samsung semiconductor K4H510838D Datasheet HTML 7Page - Samsung semiconductor K4H510838D Datasheet HTML 8Page - Samsung semiconductor K4H510838D Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DDR SDRAM
General Information
December 2007
B. DDR SDRAM Component Product Guide
Density
Bank
Part Number
Package*1 & Power*2 &
Speed*3
Org.
Interface
Refresh
Power (V)
Package
Avail.
64Mb N-die
4Banks K4H641638N
LCCC/CB3
LLCC/LB3
4M x 16
SSTL_2
4K/64m
2.5 ± 0.2V
66pinTSOPII
Now
FCCC/CB3
FLCC/LB3
60ball FBGA
CS
256Mb H-die
4Banks
K4H560438H
UCA2/CB0
ULA2/LB0
64M x 4
SSTL_2
8K/64m
2.5 ± 0.2V*4
66pinTSOPII
Now
ZCCC/CB3
ZLCC/LB3
60ball FBGA
K4H560838H
UCCC/CB3
ULCC/LB3
32M x 8
60ball FBGA
ZCCC/CB3
ZLCC/LB3
60ball FBGA
K4H561638H
UCCC/CB3
ULCC/LB3
16M x 16
66pinTSOPII
ZCCC/CB3
ZLCC/LB3
60ball FBGA
256Mb J-die
4Banks
K4H560438J
LCB3/CB0
LLB3/LB0
64M x 4
SSTL_2
8K/64m
2.5 ± 0.2V*4
66pinTSOPII
CS
K4H560838J
LCCC/CB3
LLCC/LB3
32M x 8
66pinTSOPII
CS
K4H561638J
LCCC/CB3
LLCC/LB3
16M x 16
66pinTSOPII
CS
512Mb D-die
4Banks
K4H510438D
UCB0
ULB0
128M x 4
SSTL_2
8K/64m
2.5 ± 0.2V*4
66pinTSOPII
Now
ZCCC
ZLCC
60ball FBGA
K4H510838D
UCCC/CB3
ULCC/LB3
64M x 8
66pinTSOPII
ZCCC/CB3
ZLCC/LB3
60ball FBGA
K4H511638D
UCCC/CB3
ULCC/LB3
32M x 16
66pinTSOPII
ZCCC/CB3
ZLCC/LB3
60ball FBGA
Note 2 :
- Commercial Temp. (0
°C <Ta< 70°C)
C
Commercial Temperature, Normal Power
L
Commercial Temperature, Low Power
Note 4 :
DDR400
DDR333/266
VDD/VDDQ
2.6V ± 0.1V
2.5V ± 0.2V
Note 3 :
- "B3" has compatibility with "A2" and "B0"
133Mhz
166Mhz
200Mhz
CL = 2
DDR266(A2)
-
-
CL = 2.5
DDR266(B0)
DDR333(B3)
-
CL = 3
-
-
DDR400(CC)
U
V
Z
: TSOP II (Lead-free)
: sTSOP II (Lead-free)
: FBGA (Lead-free)
L
H
F
6
: TSOP II (Lead-free & Halogen-free)
: FBGA (Lead-free & Halogen-free)
: FBGA for 64Mb DDR (Lead-free & Halogen-free)
: sTSOP II (Lead-free & Halogen-free)
Note 1 :


Similar Part No. - K4H510838D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4H510838D SAMSUNG-K4H510838D Datasheet
367Kb / 24P
   512Mb D-die DDR SDRAM Specification
K4H510838D-LA2 SAMSUNG-K4H510838D-LA2 Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H510838D-LB0 SAMSUNG-K4H510838D-LB0 Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H510838D-LB3 SAMSUNG-K4H510838D-LB3 Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
K4H510838D-LCC SAMSUNG-K4H510838D-LCC Datasheet
366Kb / 24P
   512Mb D-die DDR SDRAM Specification 66 TSOP-II with Pb-Free (RoHS compliant)
More results

Similar Description - K4H510838D

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4S640832K SAMSUNG-K4S640832K_07 Datasheet
153Kb / 8P
   SDRAM Product Guide
logo
Elpida Memory
EDD5116AFTA-H ELPIDA-EDD5116AFTA-H Datasheet
493Kb / 52P
   512M bits DDR SDRAM High Quality Product
logo
Qimonda AG
HYB25D512400C QIMONDA-HYB25D512400C Datasheet
1Mb / 37P
   DDR SDRAM
logo
Elpida Memory
EDD2516KCTA-SI ELPIDA-EDD2516KCTA-SI Datasheet
579Kb / 52P
   256M bits DDR SDRAM 256M bits DDR SDRAM
logo
Hynix Semiconductor
HY5DU56822FLTP-D5 HYNIX-HY5DU56822FLTP-D5 Datasheet
708Kb / 28P
   256Mb DDR SDRAM
HY5DU561622FLFP HYNIX-HY5DU561622FLFP Datasheet
332Kb / 27P
   256Mb DDR SDRAM
HY5DU12822B HYNIX-HY5DU12822B Datasheet
396Kb / 37P
   512Mb DDR SDRAM
HY5DU28422ETP HYNIX-HY5DU28422ETP Datasheet
831Kb / 35P
   128Mb DDR SDRAM
H5DU5182EFR-FAC HYNIX-H5DU5182EFR-FAC Datasheet
523Kb / 30P
   512Mb DDR SDRAM
HY5DU12822DT-D43 HYNIX-HY5DU12822DT-D43 Datasheet
1Mb / 29P
   512Mb DDR SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com