Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXV300-105SW Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LXV300-105SW
Description  LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXV300-105SW Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LXV300-105SW Datasheet HTML 1Page - List of Unclassifed Manufacturers LXV300-105SW Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Power Supply
Constant Voltage Power Supplies
LED POWER
next generation power
source
FEATURES
• High Efficiency 94%
• IP67 Waterproof
• Active PFC (Typical 0.99)
• OVP, SCP, OTP
• -35 to 70°C deg operation
• Wide Input 90-305VAC
• UL8750 recognised
• EN61347-1, -2-13 compliant
1
LED Power Supplies
300W
LXV300 series
North America
Excelsys Technologies
t: (972) 771 4544
519 Interstate 30, #309
f: (972) 421 1805
Rockwall, TX 75087
e: salesusa@excelsys.com
USA
Europe/Asia
Excelsys Technologies Ltd
t: +353 21 4354716
27 Eastgate Drive
f: +353 21 4354864
Eastgate Business Park
e: sales@excelsys.com
Little Island, Cork, Ireland
IRELAND
Input Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage Range
Universal Input
90
305
VAC
Input Frequency Range
47
63
Hz
Input Current
100VAC in, 300W output
3.3
A
Power Factor
220VAC, 110 VAC
0.96
0.99
Inrush Current
At 230 Vac input, 25°C cold start
50
A
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Line Regulation
±1
%
Load Regulation
±3
%
Voltage Accuracy
% of Vout
±5
%
Ripple and Noise
20MHz Bandwidth. See Note 1
2.0
% pk-pk
Dynamic Response
Output Deviation R/S : 1 A /uS
5% Vo
Settling Time Load : 25% ~ 75% full Load
10 mS
Overshoot
10
%
Turn-on Delay
Measured at 220VAC and full load
3
s
Short Circuit Protection
Auto Recovery
Over Voltage Protection
Non -latching. See individual models OVP levels
OverTemperature Protection Internal Component Temperature
110
°C
General Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Isolation Voltage
Input to Output
See Note 2
3000
VAC
Input to Chassis
1500
VAC
Efficiency
See individual models
94.0
%
Safety Agency Approvals
UL8750, EN61347-1, -2-13 pending
No load Power Dissipation
Measured at 120VAC and 220VAC
3.0
W
MTBF
Telecordia SR-33, 25°C
2,000,000
Hours
Lifetime
200,000
Hours
Weight
1540
g
Operating Temperature
-35
+70
°C
Storage Temperature
-40
+85
°C
Relative Humidity
Non-condensing (operating)
10
100
%RH
Power Derating
At 100 VAC, derates linearly from 100% at 60°C to 80% at 70 °C
At 277 VAC, derates linearly from 100% at 65°C to 90% at 70 °C
Note 1.
Output connected in parallel with 0.1uF ceramic capacitor and 10uF electrolytic capacitor.
Note 2.
Primary to Secondary Isolation test not to be carried on power supply.
The LXV300 series of constant voltage LED power supplies from
Excelsys Technologies can deliver up to 300W of output power in an
extremely compact package size.
The LXV300 series of constant voltage power supplies provides a range of
output voltage solutions for specific LED requirements. With industry leading
efficiencies, and an extensive protection feature set, the LXV300 series
provides high reliability and high performance in a compact package
The LXV300 series carries the CE mark for safety and is also RoHS
compliant. For more details contact sales@excelsys.com
Model
Number
Output
Voltage
Output
Current
Input
Voltage
OVP
Max
OCP
Hiccup
Efficiency
LXV300-012SW
12V
23.3A
90-305VAC
18V
110-180%
92.0%
LXV300-024SW
24V
12.50A
90-305VAC
35V
110-180%
93.0%
LXV300-036SW
36V
8.33A
90-305VAC
50V
110-180%
94.0%
LXV300-042SW
42V
7.14A
90-305VAC
55V
110-180%
93.5%
LXV300-048SW
48V
6.25A
90-305VAC
61V
110-180%
93.5%
LXV300-052SW
52V
5.76A
90-305VAC
66V
110-180%
93.5%
LXV300-054SW
54V
5.55A
90-305VAC
66V
110-180%
94.0%
LXV300-056SW
56V
5.35A
90-305VAC
78V
110-180%
94.0%
LXV300-060SW
60V
5.00A
90-305VAC
78V
110-180%
94.0%
LXV300-084SW
84V
3.57A
90-305VAC
105V
110-180%
94.0%
LXV300-105SW
105V
2.85A
90-305VAC
130V
110-180%
94.0%
LXV300-150SW
150V
2.00A
90-305VAC
185V
110-180%
94.0%


Similar Part No. - LXV300-105SW

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV0-PR00-0017 LUMILEDS-LXV0-PR00-0017 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0024 LUMILEDS-LXV0-PR00-0024 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0041 LUMILEDS-LXV0-PR00-0041 Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV300-105SW

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
   LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
   LED power supply
JCS8HN60C JSMC-JCS8HN60C Datasheet
1Mb / 14P
   LED power supply
logo
Roithner LaserTechnik G...
PTDCCL-10 ROITHNER-PTDCCL-10 Datasheet
89Kb / 1P
   LED Power Supply
logo
List of Unclassifed Man...
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
   LED Power Supply
LXV200 ETC2-LXV200 Datasheet
398Kb / 2P
   LED Power Supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
   LED Power Supply
logo
List of Unclassifed Man...
LXC50 ETC2-LXC50 Datasheet
269Kb / 2P
   LED Power Supply
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
   LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com