Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1308TT Datasheet(PDF) 6 Page - NXP Semiconductors

Part # TDA1308TT
Description  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308TT Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button TDA1308TT Datasheet HTML 2Page - NXP Semiconductors TDA1308TT Datasheet HTML 3Page - NXP Semiconductors TDA1308TT Datasheet HTML 4Page - NXP Semiconductors TDA1308TT Datasheet HTML 5Page - NXP Semiconductors TDA1308TT Datasheet HTML 6Page - NXP Semiconductors TDA1308TT Datasheet HTML 7Page - NXP Semiconductors TDA1308TT Datasheet HTML 8Page - NXP Semiconductors TDA1308TT Datasheet HTML 9Page - NXP Semiconductors TDA1308TT Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
6 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
10. Characteristics
Table 7.
Characteristics
VDD =5V; VSS =0V; Tamb =25 °C; fi = 1 kHz; RL =32 Ω; unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supplies
VDD
supply voltage
TDA1308
single supply
3.0
5.0
7.0
V
dual supply
1.5
2.5
3.5
V
TDA1308A
single supply
2.4
5.0
7.0
V
dual supply
1.2
2.5
3.5
V
VSS
negative supply voltage
TDA1308; dual supply
−1.5
−2.5
−3.5
V
TDA1308A; dual supply
−1.2
−2.5
−3.5
V
IDD
supply current
no load
-
3
5
mA
Ptot
total power dissipation
no load
-
15
25
mW
Static characteristics
VI(os)
input offset voltage
-
10
-
mV
Ibias
input bias current
-
10
-
pA
VCM
common mode voltage
0
-
3.5
pA
GV
open-loop voltage gain
RL =5kΩ
-70
-
dB
IO
maximum output current
-
60
-
mA
RO
output resistance
(THD + N)/S < 0.1 %
-
0.25
-
VO
output voltage swing
[1] 0.75
-
4.25
V
RL =16 Ω
[1] 1.5
-
3.5
V
RL =5kΩ
[1] 0.1
-
4.9
V
αcs
channel separation
-
70
-
dB
RL =5kΩ
[1] -
105
-
dB
PSRR
power supply ripple rejection fi = 100 Hz; Vripple(p-p) = 100 mV
-
90
-
dB
CL
load capacitance
-
-
200
pF
Dynamic characteristics
(THD + N)/S
total harmonic distortion
plus noise-to-signal ratio
[2] -
0.03
0.06
%
[2] -
−70
−65
dB
RL =5kΩ
[3] -
−92
−89
dB
RL =5kΩ
[3] -
−52
−40
dB
RL =5kΩ
[3] -
0.25
1.0
%
RL =5kΩ
[2] -
−101
-
dB
RL =5kΩ
[2] -
0.0009
-
%
S/N
signal-to-noise ratio
100
110
-
dB
fG
unity gain frequency
open-loop; RL =5kΩ
-
5.5
-
MHz
Po
maximum output power
(THD + N)/S < 0.1 %
-
40
80
mW


Similar Part No. - TDA1308TT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308TT PHILIPS-TDA1308TT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

Similar Description - TDA1308TT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com