Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA3663AT Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TDA3663AT
Description  Very low dropout voltage/quiescent current 3.3 V voltage regulator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA3663AT Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TDA3663AT Datasheet HTML 7Page - NXP Semiconductors TDA3663AT Datasheet HTML 8Page - NXP Semiconductors TDA3663AT Datasheet HTML 9Page - NXP Semiconductors TDA3663AT Datasheet HTML 10Page - NXP Semiconductors TDA3663AT Datasheet HTML 11Page - NXP Semiconductors TDA3663AT Datasheet HTML 12Page - NXP Semiconductors TDA3663AT Datasheet HTML 13Page - NXP Semiconductors TDA3663AT Datasheet HTML 14Page - NXP Semiconductors TDA3663AT Datasheet HTML 15Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TDA3663_6
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 06 — 26 June 2007
11 of 15
NXP Semiconductors
TDA3663
Very low dropout voltage/quiescent current 3.3 V voltage regulator
13. Package outline
Fig 16. Package outline SOT223-1 (SO4)
UNIT
A2
bp
cD
(1)
E
(1)
e1
HE
Lp
Qy
w
v
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
1.7
1.5
A1
0.10
0.02
A3
0.25
1.8
0.85
0.65
b1
3.15
2.95
0.35
0.25
6.7
6.3
3.7
3.3
4.6
e
2.3
7.3
6.7
1.02
0.62
1.0
0.8
Z
1.2
0.7
10
°
0
°
0.1
0.1
0.2
L
1.75
DIMENSIONS (mm are the original dimensions)
SOT223-1
TO-261
99-12-15
03-02-19
w M
bp
Z
D
b1
e1
e
A
A1
A2
(A3)
θ
θ
Lp
L
Q
detail X
HE
E
v M A
A
c
y
0
2
4 mm
scale
A
max.
X
13
2
4
SO4: plastic small outline package; 4 leads; body width 3.5 mm
SOT223-1
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.


Similar Part No. - TDA3663AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3663AT PHILIPS-TDA3663AT Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
More results

Similar Description - TDA3663AT

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA3663 PHILIPS-TDA3663 Datasheet
89Kb / 17P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator
Rev. 05-13 June 2005
TDA3673 PHILIPS-TDA3673 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.3 V voltage regulator with enable
2000 Feb 01
TDA3662 PHILIPS-TDA3662 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator
2000 Apr 26
TDA3664 PHILIPS-TDA3664 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
1999 Sep 01
TDA3665 PHILIPS-TDA3665 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 8.5 V voltage regulator
2000 Apr 25
TDA3666 PHILIPS-TDA3666 Datasheet
93Kb / 20P
   Very low dropout voltage/quiescent current 10 V voltage regulator
2000 Apr 26
TDA3664 NXP-TDA3664 Datasheet
98Kb / 16P
   Very low dropout voltage/quiescent current 5 V voltage regulator
Rev. 07-25 June 2007
TDA3661 PHILIPS-TDA3661 Datasheet
88Kb / 16P
   Very low dropout voltage/quiescent current adjustable voltage regulator
Rev. 05-28 June 2005
TDA3672 PHILIPS-TDA3672 Datasheet
83Kb / 16P
   Very low dropout voltage/quiescent current 3.0 V voltage regulator with enable
2000 Apr 26
logo
STMicroelectronics
ST2L05 STMICROELECTRONICS-ST2L05 Datasheet
508Kb / 23P
   VERY LOW QUIESCENT CURRENT DUAL VOLTAGE REGULATOR
December 2004 Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com