Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXV200-042S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LXV200-042S
Description  LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXV200-042S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LXV200-042S Datasheet HTML 1Page - List of Unclassifed Manufacturers LXV200-042S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LED Power Supplies
200W
2
EMC
Parameter
Standard
Level
Units
Emissions
Conducted
EN55015
Level B
Radiated
EN55015
Level B
Harmonic Distortion
EN61000-3-2
Compliant
Flicker and Fluctuation
EN61000-3-3
Compliant
Immunity
ESD
EN61000-4-2
Level 4
Radiated RFI
EN61000-4-3
Level 3
Fast Transients - burst
EN61000-4-4
Level 4
Input Line Surges
EN61000-4-5
Level 4
Conducted RFI
EN61000-4-6
Compliant
Power Freq Magnetic Field
EN61000-4-8
Compliant
Voltage Dips
EN61000-4-11
Compliant
MECHANICAL SPECIFICATIONS
INPUT / OUTPUT WIRING
INPUT CABLE
OUTPUT CABLE
SJTW 18AWG 2C
SJTW 18AWG 2C
Black (L) and White(N), Green (Earth) 650±20mm
Black (-V) and Red (+V) 220±20mm
North America
Excelsys Technologies
t: (972) 771 4544
519 Interstate 30, #309
f: (972) 421 1805
Rockwall, TX 75087
e: salesusa@excelsys.com
USA
Europe/Asia
Excelsys Technologies Ltd
t: +353 21 4354716
27 Eastgate Drive
f: +353 21 4354864
Eastgate Business Park
e: sales@excelsys.com
Little Island, Cork, Ireland
IRELAND
226 ± 0.5
199 ± 0.5
195 ± 0.5
650 ± 20
220 ± 20
50 ± 2
50 ± 2
15±0.5
15±0.5
40
209 ± 0.5
213 ± 0.5
10.5
8
5
All Tolerances
± 0.2mm unless specified
Specifications are subject to change without notice


Similar Part No. - LXV200-042S

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LXV0-PR00-0017 LUMILEDS-LXV0-PR00-0017 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0024 LUMILEDS-LXV0-PR00-0024 Datasheet
2Mb / 20P
   Best punch and easy integration
LXV0-PR00-0041 LUMILEDS-LXV0-PR00-0041 Datasheet
2Mb / 20P
   Best punch and easy integration
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXV100-012S ETC2-LXV100-012S Datasheet
421Kb / 2P
   LED Power Supply
More results

Similar Description - LXV200-042S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
   LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
   LED power supply
JCS8HN60C JSMC-JCS8HN60C Datasheet
1Mb / 14P
   LED power supply
logo
Roithner LaserTechnik G...
PTDCCL-10 ROITHNER-PTDCCL-10 Datasheet
89Kb / 1P
   LED Power Supply
logo
List of Unclassifed Man...
LXV300 ETC2-LXV300 Datasheet
413Kb / 2P
   LED Power Supply
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
   LED Power Supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
   LED Power Supply
logo
List of Unclassifed Man...
LXC50 ETC2-LXC50 Datasheet
269Kb / 2P
   LED Power Supply
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
   LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com