Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXC50-2770S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LXC50-2770S
Description  LED Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LXC50-2770S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LXC50-2770S Datasheet HTML 1Page - List of Unclassifed Manufacturers LXC50-2770S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Power Supply
Constant Current Power Supplies
LED POWER
next generation power
source
FEATURES
• High Efficiency (up to 88%)
• Constant Output Current
• Active PFC (Typical 0.87)
• IP67 Waterproof
• OVP, SCP
• -35 to 60°C deg operation
• Universal Input 90-264VAC
• UL8750 recognised
• EN61347-1, -2-13 compliant
1
LED Power Supplies
50W
The LXC50 series of constant current LED power supplies from
Excelsys Technologies can deliver up to 50W of output power in an
extremely compact package size.
The LXC50 series of constant current power supplies provides up to 3000mA
of output current and 142V output voltage solutions for specific LED
requirements. With industry leading efficiencies, and an extensive protection
feature set, the LXC50 series provides high reliability and high performance
in a compact package
The LXC50 series carries the CE mark for safety and is also RoHS compliant.
For more details contact sales@excelsys.com
LXC50 series
North America
Excelsys Technologies
t: (972) 771 4544
519 Interstate 30, #309
f: (972) 421 1805
Rockwall, TX 75087
e: salesusa@excelsys.com
USA
Europe/Asia
Excelsys Technologies Ltd
t: +353 21 4354716
27 Eastgate Drive
f: +353 21 4354864
Eastgate Business Park
e: sales@excelsys.com
Little Island, Cork, Ireland
IRELAND
Model
Number
Output
Voltage
Output
Current
Input
Voltage
OVP
Latching
max
Efficiency
LXC50-0350S
71-142V
350mA
90-264VAC
213V
88.0%
LXC50-0450S
56-111V
450mA
90-264VAC
167V
88.0%
LXC50-0700S
36-72V
700mA
90-264VAC
108V
88.0%
LXC50-1050S
24-48V
1050mA
90-264VAC
72V
88.0%
LXC50-1190S
21-42V
1190mA
90-264VAC
63V
87.0%
LXC50-1400S
18-36V
1400mA
90-264VAC
54V
87.0%
LXC50-2100S
13-24V
2100mA
90-264VAC
36V
86.0%
LXC50-2770S
9-18V
2770mA
90-264VAC
27V
85.0%
LXC50-3000S
7-12V
3000mA
90-264VAC
18V
84.0%
Input Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Voltage Range
Universal Input
90
264
VAC
Input Frequency Range
47
63
Hz
Input Current
100VAC in, 50W output
0.7
A
Inrush Current
230VAC in, 25°C, Cold Start
65
A
Power Factor
220VAC, 110VAC
0.84
0.87
Output Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Line Regulation
±1
%
Load Regulation
±3
%
Voltage Range
% of Vout
50
100
%
Output Current Range
% of Vout
±5
%
Ripple and Noise
20MHz Bandwidth. See Note 1
2.0
% pk-pk
Overshoot
10
%
Turn-on Delay
Measured at 220VAC and full load
3
s
Short Circit Protection
Auto Recovery
Over Voltage Protection
Latching. See individual models OVP levels
General Specifications
Parameter
Conditions/Description
Min
Nom
Max
Units
Isolation Voltage
Input to Output
See Note 2
3000
VAC
Input to Chassis
1500
VAC
Efficiency
See individual models
88
%
Safety Agency Approvals
UL8750, EN61347-1, -2-13
No load Power Dissipation
Measured at 230 Vac
1.0
W
MTBF
Telecordia SR-33, 25°C
2,000,000
Hours
Lifetime
25°C
80,000
Hours
Weight
460
g
Operating Temperature
-35
+60
°C
Storage Temperature
-40
+85
°C
Relative Humidity
Non-condensing (operating)
10
100
%RH
Note 1.
Output connected in parallel with 0.1uF ceramic capacitor and 10uF electrolytic capacitor.
Note 2.
Primary to Secondary Isolation test not to be carried on power supply.


Similar Part No. - LXC50-2770S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LXC26-0350SW ETC2-LXC26-0350SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-0450SW ETC2-LXC26-0450SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-0700SW ETC2-LXC26-0700SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-1050SW ETC2-LXC26-1050SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
LXC26-1400SW ETC2-LXC26-1400SW Datasheet
441Kb / 3P
   Constant Current LED Power Supplies
More results

Similar Description - LXC50-2770S

ManufacturerPart #DatasheetDescription
logo
JILIN SINO-MICROELECTRO...
JCS4N65FE JSMC-JCS4N65FE Datasheet
996Kb / 16P
   LED power supply
JCS4N65FEI JSMC-JCS4N65FEI Datasheet
730Kb / 11P
   LED power supply
JCS8HN60C JSMC-JCS8HN60C Datasheet
1Mb / 14P
   LED power supply
logo
Roithner LaserTechnik G...
PTDCCL-10 ROITHNER-PTDCCL-10 Datasheet
89Kb / 1P
   LED Power Supply
logo
List of Unclassifed Man...
LXV300 ETC2-LXV300 Datasheet
413Kb / 2P
   LED Power Supply
LXV75 ETC2-LXV75 Datasheet
421Kb / 2P
   LED Power Supply
LXV200 ETC2-LXV200 Datasheet
398Kb / 2P
   LED Power Supply
logo
LinkCom Manufacturing C...
40-LSP LINKCOM-40-LSP Datasheet
450Kb / 4P
   LED Power Supply
logo
List of Unclassifed Man...
LXV100 ETC2-LXV100 Datasheet
421Kb / 2P
   LED Power Supply
LXC30 ETC2-LXC30 Datasheet
270Kb / 2P
   LED Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com