Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSF781S-XB Datasheet(PDF) 5 Page - Sanyo Semicon Device

Part # FSF781S-XB
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSF781S-XB Datasheet(HTML) 5 Page - Sanyo Semicon Device

  FSF781S-XB Datasheet HTML 1Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 2Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 3Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 4Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 5Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 6Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 7Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 8Page - Sanyo Semicon Device FSF781S-XB Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
4
28
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
50
1
Reduction gear ratios
1.10inch)
Spur gear model
This setutilizesaspurgearinthe
speed reduction mechanism.
28
42
60
ø86
Motor flange size
Reduction gear ratios
30
1
50
1
100
1
1.65inch)
1.10inch)(2.35inch)(ø3.39inch)
Harmonic gear model
This setutilizesaharmonicgear.
42
60
ø86
Motor flange size
2.35inch)
1.65inch)(ø3.39inch)
Electromagnetic brake model
This setutilizesanon-excitation
electromagnetic brake to maintain
position in vertical load applications
andholdloadevenduringpower off.
P.15
42
60
ø86
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
36
1
Reduction gear ratios
1.65inch)(2.35inch)(ø3.39inch)
Low-backlash gear model
This setincludesalow backlash gear that
uses tapered hobbed gears to engage the
final stage of the speed reduction mechanism.
P.13
42
60
ø86
ø106
Motor flange size
1.65inch)(2.35inch)(ø3.36inch)(ø4.17inch)
CE/ULmodel
TheUL/CE setincludesaFSeries
driver andaMSeriesmotor.
Set model
DC input
AC input
P.11
28
42
60
ø86
ø106
Motor flange size
1.65inch)
1.10inch)(2.35inch)(ø3.39inch)(ø4.17inch)
Standard model
Thestandardset includes aFseries
driver andaFseries motor.
P.18
P.19
P.21
28
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
50
1
Reduction gear ratios
1.10inch)
Spur gear model
This set utilizes a spur gear in the
speed reduction mechanism.
28
42
60
ø86
Motor flange size
Reduction gear ratios
30
1
50
1
100
1
1.65inch)
1.10inch)(2.35inch)(ø3.39inch)
Harmonic gear model
This set utilizes a harmonic gear.
42
60
ø86
Motor flange size
2.35inch)
1.65inch)(ø3.39inch)
Electromagnetic brake model
This set utilizes a non-excitation
electromagnetic brake to maintain
position in vertical load applications
andholdloadevenduringpower off.
P.35
42
60
ø86
Motor flange size
3.6
1
7.2
1
10
1
20
1
30
1
36
1
Reduction gear ratios
1.65inch)(2.35inch)(ø3.39inch)
Low-backlash gear model
This set includes a low backlash gear that
uses tapered hobbed gears to engage the
final stage of the speed reduction mechanism.
P.33
Standard model
The standard set includes a F series
driver and a F series motor.
P.38
P.39
P.41
28
42
60
ø86
Motor flange size
1.65inch)
1.10inch)(2.35inch)(ø3.39inch)


Similar Part No. - FSF781S-XB

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSF78-10-D PANDUIT-FSF78-10-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-12-D PANDUIT-FSF78-12-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-18-D PANDUIT-FSF78-18-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-6-D PANDUIT-FSF78-6-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-8-D PANDUIT-FSF78-8-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
More results

Similar Description - FSF781S-XB

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com