Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA1308A Datasheet(PDF) 3 Page - NXP Semiconductors

Part # TDA1308A
Description  Class-AB stereo headphone driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDA1308A Datasheet(HTML) 3 Page - NXP Semiconductors

  TDA1308A Datasheet HTML 1Page - NXP Semiconductors TDA1308A Datasheet HTML 2Page - NXP Semiconductors TDA1308A Datasheet HTML 3Page - NXP Semiconductors TDA1308A Datasheet HTML 4Page - NXP Semiconductors TDA1308A Datasheet HTML 5Page - NXP Semiconductors TDA1308A Datasheet HTML 6Page - NXP Semiconductors TDA1308A Datasheet HTML 7Page - NXP Semiconductors TDA1308A Datasheet HTML 8Page - NXP Semiconductors TDA1308A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
TDA1308_A_4
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 04 — 25 January 2007
3 of 19
NXP Semiconductors
TDA1308; TDA1308A
Class-AB stereo headphone driver
5.
Block diagram
6.
Pinning information
6.1 Pinning
6.2 Pin description
Fig 1.
Block diagram
2
1
3
4
8
7
6
5
INA(neg)
TDA1308(A)
OUTA
mka779
VSS
VDD
INA(pos)
INB(neg)
INB(pos)
OUTB
Fig 2.
Pin configuration TDA1308(A)
Fig 3.
Pin configuration TDA1308AUK
TDA1308(A)
OUTA
VDD
INA(neg)
OUTB
INA(pos)
INB(neg)
VSS
INB(pos)
001aaf782
1
2
3
4
6
5
8
7
123
A
B
C
D
TDA1308AUK
E
001aaf800
Transparent top view
bump A1
index area
Table 3.
Pin description TDA1308(A)
Symbol
Pin
Description
OUTA
1
output A
INA(neg)
2
inverting input A
INA(pos)
3
non-inverting input A
VSS
4
negative supply
INB(pos)
5
non-inverting input B


Similar Part No. - TDA1308A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308AT PHILIPS-TDA1308AT Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
More results

Similar Description - TDA1308A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS6308 ETC-MS6308 Datasheet
82Kb / 5P
   Class AB stereo headphone driver
logo
Anpec Electronics Corop...
APA2308 ANPEC-APA2308 Datasheet
532Kb / 12P
   Class AB Stereo Headphone Driver
logo
Bookly Micro electronic
CM8608 BOOKLY-CM8608 Datasheet
198Kb / 7P
   Class AB Stereo Headphone Driver
logo
NXP Semiconductors
TDA1308 PHILIPS-TDA1308 Datasheet
197Kb / 12P
   Class AB stereo headphone driver
August 1994
logo
Silan Microelectronics ...
SC1308L SILAN-SC1308L Datasheet
71Kb / 4P
   CLASS AB STEREO HEADPHONE DRIVER
logo
NXP Semiconductors
TDA1308A PHILIPS-TDA1308A Datasheet
95Kb / 16P
   Class AB stereo headphone driver
2002 Jul 19
TDA1308 PHILIPS-TDA1308_15 Datasheet
584Kb / 17P
   Class-AB stereo headphone driver
Rev. 5-14 March 2011
logo
Unisonic Technologies
PA2308 UTC-PA2308 Datasheet
245Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER
PA2308 UTC-PA2308_15 Datasheet
248Kb / 5P
   CLASS AB STEREO HEADPHONE DRIVER
3541 UTC-3541_12 Datasheet
201Kb / 6P
   CLASS AB STEREO HEADPHONE DRIVER WITH MUTE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com