Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT41050T-3ETR7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LT41050T-3ETR7
Description  Isolated High-Speed CAN Transceiver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LT41050T-3ETR7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LT41050T-3ETR7 Datasheet HTML 1Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 2Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 3Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 4Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 5Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 6Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 7Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 8Page - List of Unclassifed Manufacturers LT41050T-3ETR7 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
IL41050
IsoLoop
® is a registered trademark of NVE Corporation.
*U.S. Patent number 5,831,426; 6,300,617 and others.
REV. F
NVE Corporation
11409 Valley View Road, Eden Prairie, MN 55344-3617
Phone: (952) 829-9217
Fax: (952) 829-9189
www.IsoLoop.com
©NVE Corporation
Isolated High-Speed CAN Transceiver
Functional Diagram
TxD
RxD
CANH
CANL
IL41050
S
VDD2 (V)
TxD
(1)
S
CANH
CANL
Bus State
RxD
4.75 to 5.25
Low
(2)
High
Low
Dominant
Low
4.75 to 5.25
X
High VDD2/2
VDD2/2
Recessive
High
4.75 to 5.25
X
VDD2/2
VDD2/2
Recessive
High
<2V (no pwr)
X
X
0<V<2.5 0<V<2.5
Recessive
High
2>VDD2<4.75
>2V
X
0<V<2.5 0<V<2.5
Recessive
High
Table 1. Function table.
Notes:
1. TxD input is edge triggered: ↑ = Logic Lo to Hi, ↓ = Hi to Lo
2. Valid for logic state as described or open circuit
X = don’t care
Features
Single-chip isolated CAN/DeviceNet transceiver
Fully compliant with the ISO 11898 CAN standard
Best-in-class loop delay (180 ns)
3.0 V to 5.5 V input power supplies
>110-node fan-out
High speed (up to 1 Mbps)
2,500 V
RMS isolation (1 minute)
Very low Electromagnetic Emission (EME)
Differential signaling for excellent Electromagnetic Immunity (EMI)
30 kV/µs transient immunity
Silent mode to disable transmitter
Unpowered nodes do not disturb the bus
Transmit data (TxD) dominant time-out function
Edge triggered, non-volatile input improves noise performance
Bus pin transient protection for automotive environment
Thermal shutdown protection
Short-circuit protection for ground and bus power
−55°C to +125°C operating temperature
0.15" and 0.3" and 16-pin JEDEC-standard SOIC packages
UL1577 and IEC 61010-2001 approved
Applications
Noise-critical CAN
Partially-powered CAN
DeviceNet
Factory automation
Description
The IL41050 is a galvanically isolated, high-speed CAN (Controller
Area Network) transceiver, designed as the interface between the
CAN protocol controller and the physical bus. The IL41050 provides
isolated differential transmit capability to the bus and isolated
differential receive capability to the CAN controller via NVE’s
patented* IsoLoop spintronic Giant Magnetoresistance (GMR)
technology.
Advanced features facilitate reliable bus operation. Unpowered nodes
do not disturb the bus, and a unique non-volatile programmable
power-up feature prevents unstable nodes. The devices also have a
hardware-selectable silent mode that disables the transmitter.
Designed for harsh CAN and DeviceNet environments, IL41050T
transceivers have transmit data dominant time-out, bus pin transient
protection, thermal shutdown protection, and short-circuit protection,
Unique edge-triggered inputs improve noise performance. Unlike
optocouplers or other isolation technologies, IsoLoop isolators have
indefinite life at high voltage.


Similar Part No. - LT41050T-3ETR7

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT410 LETEX-LT410 Datasheet
174Kb / 3P
   Photo DMOS-FET Relay
More results

Similar Description - LT41050T-3ETR7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IL41050TE ETC2-IL41050TE Datasheet
161Kb / 10P
   Isolated High-Speed CAN Transceiver
logo
NXP Semiconductors
TJA1052I NXP-TJA1052I Datasheet
277Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 5-29 January 2018
TJF1052I NXP-TJF1052I Datasheet
305Kb / 27P
   Galvanically isolated high-speed CAN transceiver
Rev. 3-20 May 2016
logo
Infineon Technologies A...
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
   High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
   High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
   High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
   High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
   High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
logo
NXP Semiconductors
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
   High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com