Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IS603IPW Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC18IS603IPW
Description  I2C-bus to SPI bridge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS603IPW Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC18IS603IPW Datasheet HTML 7Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 8Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 9Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 10Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 11Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 12Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 13Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 14Page - NXP Semiconductors SC18IS603IPW Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
SC18IS602_602B_603_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 March 2008
11 of 25
NXP Semiconductors
SC18IS602/602B/603
I2C-bus to SPI bridge
A second pull-up, called the ‘weak’ pull-up, is turned on when the port latch for the pin
contains a logic 1 and the pin itself is also at a logic 1 level. This pull-up provides the
primary source current for a quasi-bidirectional pin that is outputting a 1. If this pin is
pulled LOW by an external device, the weak pull-up turns off, and only the very weak
pull-up remains on. In order to pull the pin LOW under these conditions, the external
device has to sink enough current to overpower the weak pull-up and pull the pin below its
input threshold voltage.
The third pull-up is referred to as the ‘strong’ pull-up. This pull-up is used to speed up
LOW-to-HIGH transitions on a quasi-bidirectional pin when the port latch changes from a
logic 0 to a logic 1. When this occurs, the strong pull-up turns on for two CPU clocks
quickly pulling the pin HIGH.
The quasi-bidirectional pin configuration is shown in Figure 16.
Although the SC18IS602/602B/603 is a 3 V device, most of the pins are 5 V tolerant. If 5 V
is applied to a pin configured in quasi-bidirectional mode, there will be a current flowing
from the pin to VDD causing extra power consumption. Therefore, applying 5 V to pins
configured in quasi-bidirectional mode is discouraged.
A quasi-bidirectional pin has a Schmitt-triggered input that also has a glitch suppression
circuit.
7.1.11.2
Open-drain output configuration
The open-drain output configuration turns off all pull-ups and only drives the pull-down
transistor of the pin when the port latch contains a logic 0. To be used as a logic output, a
pin configured in this manner must have an external pull-up, typically a resistor tied to
VDD. The pull-down for this mode is the same as for the quasi-bidirectional mode.
The open-drain pin configuration is shown in Figure 17.
An open-drain pin has a Schmitt-triggered input that also has a glitch suppression circuit.
Fig 16. Quasi-bidirectional output configuration
002aac548
2 SYSTEM
CLOCK
CYCLES
weak
strong
very
weak
VDD
PP
P
VSS
pin latch data
GPIO pin
glitch rejection
input data


Similar Part No. - SC18IS603IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS600 PHILIPS-SC18IS600 Datasheet
153Kb / 28P
   SPI to IC-bus interface
Rev. 03-13 December 2006
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600 NXP-SC18IS600 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IS600IBS NXP-SC18IS600IBS Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IS600IPW PHILIPS-SC18IS600IPW Datasheet
153Kb / 28P
   SPI to IC-bus interface
Rev. 03-13 December 2006
More results

Similar Description - SC18IS603IPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
   SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Maxim Integrated Produc...
DS28E18 MAXIM-DS28E18 Datasheet
1Mb / 70P
   1-Wire짰 to I2C/SPI Bridge with Command Sequencer
2020
logo
Epson Company
RX6110SA EPSON-RX6110SA Datasheet
302Kb / 2P
   REAL TIME CLOCK MODULE (SPI & I2C-Bus)
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com