Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IS602BIPW Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC18IS602BIPW
Description  I2C-bus to SPI bridge
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IS602BIPW Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC18IS602BIPW Datasheet HTML 2Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 3Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 4Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 5Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 6Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 7Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 8Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 9Page - NXP Semiconductors SC18IS602BIPW Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
SC18IS602_602B_603_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 11 March 2008
6 of 25
NXP Semiconductors
SC18IS602/602B/603
I2C-bus to SPI bridge
the Function ID. There is no restriction on the number or combination of Slave Selects that
can be enabled for an SPI message. If more than one SSn pin is enabled at one time, the
user should be aware of possible contention on the data outputs of the SPI slave devices.
[1]
SS3 does not exist in the SC18IS603.
[2]
SS2 does not exist in the SC18IS602 and SC18IS603. Only SC18IS602B supports this function.
The data on the SPI port will contain the same information as the I2C-bus data, but without
the slave address and Function ID. For example, if the message shown in Figure 7 is
transmitted on the I2C-bus, the SPI bus will send the message shown in Figure 8.
The SC18IS602/602B/603 counts the number of data bytes sent to the I2C-bus port and
will automatically send this same number of bytes to the SPI bus. As the data is
transmitted from the MOSI pin, it is also read from the MISO pin and saved in the data
buffer. Therefore, the old data in the buffer is overwritten. The data in the buffer can then
be read back.
If the data from the SPI bus needs to be returned to the I2C-bus master, the process must
be completed by reading the data buffer. Section 8 gives an example of an SPI read.
7.1.4 Read from buffer
A read from the data buffer requires no Function ID. The slave address with the R/W bit
set to a ‘1’ will cause the SC18IS602/602B/603 to send the buffer contents to the I2C-bus
master. The buffer contents are not modified during the read process.
A typical write and read from an SPI EEPROM is shown in Section 8.
Table 3.
Function ID 01h to 0Fh
7
6
5
4
3
2
1
0
0000
SS3[1]
SS2[2]
SS1
SS0
Fig 7.
I2C-bus message
Fig 8.
SPI message
A
S
002aac448
A
P
FUNCTION
ID
W
SLAVE ADDRESS
write to buffer
DATA 1
A
A
DATA n
A
002aac451
SPI data
DATA 1
DATA n
Fig 9.
Read from buffer
A
S
002aac449
P
R
SLAVE ADDRESS
DATA 1
A
A
DATA n
NA


Similar Part No. - SC18IS602BIPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS602BIPW NXP-SC18IS602BIPW Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS602BIPW/S8 NXP-SC18IS602BIPW/S8 Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS602BIPW/S8HP NXP-SC18IS602BIPW/S8HP Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
More results

Similar Description - SC18IS602BIPW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IS606 NXP-SC18IS606 Datasheet
443Kb / 27P
   I2C-bus to SPI bridge
Rev.1.0-15 September 2021
SC18IS602B_1008 NXP-SC18IS602B_1008 Datasheet
217Kb / 25P
   I2C-bus to SPI bridge
Rev. 5-3 August 2010
SC18IS604 NXP-SC18IS604 Datasheet
503Kb / 29P
   SPI to I2C-bus bridge
Rev.1.0-22 September 2021
SC18IS602B NXP-SC18IS602B Datasheet
250Kb / 25P
   I2C-bus to SPI bridge
Rev. 7-21 October 2019
SC18IS600 NXP-SC18IS600 Datasheet
173Kb / 30P
   SPI to I2C-bus interface
Rev. 05-28 July 2008
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Maxim Integrated Produc...
DS28E18 MAXIM-DS28E18 Datasheet
1Mb / 70P
   1-Wire짰 to I2C/SPI Bridge with Command Sequencer
2020
logo
Epson Company
RX6110SA EPSON-RX6110SA Datasheet
302Kb / 2P
   REAL TIME CLOCK MODULE (SPI & I2C-Bus)
logo
NXP Semiconductors
PCA9564 PHILIPS-PCA9564_06 Datasheet
248Kb / 32P
   Parallel bus to I2C-bus controller
2006 Sep 01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com