Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC18IM700 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # SC18IM700
Description  Master I2C-bus controller with UART interface
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM700 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button SC18IM700 Datasheet HTML 6Page - NXP Semiconductors SC18IM700 Datasheet HTML 7Page - NXP Semiconductors SC18IM700 Datasheet HTML 8Page - NXP Semiconductors SC18IM700 Datasheet HTML 9Page - NXP Semiconductors SC18IM700 Datasheet HTML 10Page - NXP Semiconductors SC18IM700 Datasheet HTML 11Page - NXP Semiconductors SC18IM700 Datasheet HTML 12Page - NXP Semiconductors SC18IM700 Datasheet HTML 13Page - NXP Semiconductors SC18IM700 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SC18IM700_2
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 02 — 10 August 2007
10 of 22
NXP Semiconductors
SC18IM700
Master I2C-bus controller with UART interface
9.2 Register descriptions
9.2.1 Baud Rate Generator (BRG)
The baud rate generator is an 8-bit counter that generates the data rate for the transmitter
and the receiver. The rate is programmed through the BRG register and the baud rate can
be calculated as follows:
Remark: To calculate the baud rate the values in the BRG registers must first be
converted from hex to decimal.
Remark: For the new baud rate to take effect, both BRG0 and BRG1 must be written in
sequence (BRG0, BRG1) with new values. The new baud rate will be in effect once BRG1
is written.
9.2.2 Programmable port configuration (PortConf1 and PortConf2)
GPIO port 0 to port 7 may be configured by software to one of four types. These are:
quasi-bidirectional, push-pull, open-drain, and input-only. Two bits are used to select the
desired configuration for each port pin. PortConf1 is used to select the configuration for
GPIO3 to GPIO0, and PortConf2 is used to select the configuration for GPIO7 to GPIO4.
A port pin has Schmitt triggered input that also has a glitch suppression circuit.
9.2.2.1
Quasi-bidirectional output configuration
Quasi-bidirectional output type can be used as both an input and output without the need
to reconfigure the port. This is possible because when the port outputs a logic HIGH, it is
weakly driven, allowing an external device to pull the pin LOW. When the pin is driven
LOW, it is driven strongly and able to sink a fairly large current. These features are
somewhat similar to an open-drain output except that there are three pull-up transistors in
the quasi-bidirectional output that serve different purposes.
The SC18IM700 is a 3 V device, but the pins are 5 V tolerant. In quasi-bidirectional mode,
if a user applies 5 V on the pin, there will be a current flowing from the pin to VDD, causing
extra power consumption. Therefore, applying 5 V in quasi-bidirectional mode is
discouraged.
A quasi-bidirectional port pin has a Schmitt triggered input that also has a glitch
suppression circuit.
Baud rate
7.3728
10
6
×
16
BRG1 BRG0
,
()
+
-----------------------------------------------------
=
Table 5.
Port configurations
GPIOx.1
GPIOx.0
Port configuration
0
0
quasi-bidirectional output configuration
0
1
input-only configuration
1
0
push-pull output configuration
1
1
open-drain output configuration


Similar Part No. - SC18IM700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
   Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
SC18IM700 NXP-SC18IM700 Datasheet
727Kb / 8P
   Smart, simple solutions for the 12 most common design concerns
August 2011
SC18IM700IPW PHILIPS-SC18IM700IPW Datasheet
108Kb / 21P
   Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
More results

Similar Description - SC18IM700

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC18IM700 PHILIPS-SC18IM700 Datasheet
108Kb / 21P
   Master I-2C - bus controller with UART interface
Rev. 01-28 February 2006
logo
Digital Core Design
DI2CM DCD-DI2CM Datasheet
148Kb / 5P
   I2C Bus Interface - Master
DI2CMS DCD-DI2CMS Datasheet
153Kb / 6P
   I2C Bus Interface - Master/Slave
logo
NXP Semiconductors
SC18IM704 NXP-SC18IM704 Datasheet
491Kb / 28P
   UART to I2C-bus bridge
Rev.1.0-22 September 2021
PCF8584 PHILIPS-PCF8584 Datasheet
224Kb / 40P
   I2C-bus controller
1997 Oct 21
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
logo
Digital Core Design
DI2CS DCD-DI2CS Datasheet
140Kb / 4P
   I2C Bus Interface - Slave
logo
NXP Semiconductors
PCF84C00 PHILIPS-PCF84C00 Datasheet
143Kb / 24P
   8-bit microcontroller with I2C-bus interface
1996 Nov 25
P83CL781 PHILIPS-P83CL781 Datasheet
342Kb / 76P
   Low voltage 8-bit microcontrollers with UART and I2C-bus
1997 Mar 14
TDA4885 PHILIPS-TDA4885 Datasheet
396Kb / 56P
   150 MHz video controller with I2C-bus
1997 Nov 25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com