Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SC16IS750IBS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # SC16IS750IBS
Description  Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC16IS750IBS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button SC16IS750IBS Datasheet HTML 4Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 5Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 6Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 7Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 8Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 9Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 10Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 11Page - NXP Semiconductors SC16IS750IBS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
SC16IS740_750_760_6
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 06 — 13 May 2008
8 of 62
NXP Semiconductors
SC16IS740/750/760
Single UART with I2C-bus/SPI interface, 64-byte FIFOs, IrDA SIR
[1]
See Section 7.4 “Hardware reset, Power-On Reset (POR) and software reset”
[2]
Selectable with IOControl register bit 1.
CS/A0
2
9
6
I
SPI chip select or I2C-bus device address select A0. If SPI
configuration is selected by I2C/SPI pin, this pin is the SPI chip
select pin (Schmitt-trigger, active LOW). If I2C-bus configuration
is selected by I2C/SPI pin, this pin along with A1 pin allows user
to change the device’s base address.
SI/A1
3
10
7
I
SPI data input pin or I2C-bus device address select A1. If SPI
configuration is selected by I2C/SPI pin, this is the SPI data
input pin. If I2C-bus configuration is selected by I2C/SPI pin, this
pin along with A0 pin allows user to change the device’s base
address. To select the device address, please refer to Table 32.
SO
4
11
8
O
SPI data output pin. If SPI configuration is selected by I2C/SPI
pin, this is a 3-stateable output pin. If I2C-bus configuration is
selected by I2C/SPI pin, this pin function is undefined and must
be left as n.c. (not connected).
SCL/SCLK
5
12
9
I
I2C-bus or SPI input clock.
SDA
6
13
10
I/O
I2C-bus data input/output, open-drain if I2C-bus configuration is
selected by I2C/SPI pin. If SPI configuration is selected then this
pin is an undefined pin and must be connected to VSS.
IRQ
7
14
11
O
Interrupt (open-drain, active LOW). Interrupt is enabled when
interrupt sources are enabled in the Interrupt Enable Register
(IER). Interrupt conditions include: change of state of the input
pins, receiver errors, available receiver buffer data, available
transmit buffer space, or when a modem status flag is detected.
An external resistor (1 k
Ω for 3.3 V, 1.5 kΩ for 2.5 V) must be
connected between this pin and VDD.
GPIO0
-
15
12
I/O
programmable I/O pin
GPIO1
-
16
13
I/O
programmable I/O pin
GPIO2
-
17
14
I/O
programmable I/O pin
GPIO3
-
18
15
I/O
programmable I/O pin
GPIO4/DSR -
20
17
I/O
programmable I/O pin or modem’s DSR pin[2]
GPIO5/DTR -
21
18
I/O
programmable I/O pin or modem’s DTR pin[2]
GPIO6/CD
-
22
19
I/O
programmable I/O pin or modem’s CD pin[2]
GPIO7/RI
-
23
20
I/O
programmable I/O pin or modem’s RI pin[2]
RTS
10
24
21
O
UART request to send (active LOW). A logic 0 on the RTS pin
indicates the transmitter has data ready and waiting to send.
Writing a logic 1 in the modem control register MCR[1] will set
this pin to a logic 0, indicating data is available. After a reset this
pin is set to a logic 1. This pin only affects the transmit and
receive operations when auto RTS function is enabled via the
Enhanced Feature Register (EFR[6]) for hardware flow control
operation.
VSS
919
16[3]
-
ground
VSS
-
-
center
pad[3]
-
The center pad on the back side of the HVQFN24 package is
metallic and should be connected to ground on the
printed-circuit board.
Table 2.
Pin description …continued
Symbol
Pin
Type Description
TSSOP16
TSSOP24
HVQFN24


Similar Part No. - SC16IS750IBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS750IBS PHILIPS-SC16IS750IBS Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS750IBS NXP-SC16IS750IBS Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
More results

Similar Description - SC16IS750IBS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SC16IS741A NXP-SC16IS741A Datasheet
505Kb / 55P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 1??8 March 2013
SC16IS740 PHILIPS-SC16IS740 Datasheet
308Kb / 62P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 05-16 November 2006
SC16IS752 NXP-SC16IS752 Datasheet
303Kb / 59P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 07-19 May 2008
SC16IS752IBS NXP-SC16IS752IBS Datasheet
482Kb / 60P
   Dual UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs, IrDA SIR built-in support
Rev. 9-22 March 2012
SC16IS740 NXP-SC16IS740_11 Datasheet
555Kb / 63P
   Single UART with I2C-bus/SPI interface, 64 bytes of transmit and receive FIFOs
Rev. 7-9 June 2011
SC16C652 PHILIPS-SC16C652 Datasheet
575Kb / 41P
   Dual UART with 32 bytes of transmit and receive FIFOs
Rev. 04-20 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
SC16C2550 PHILIPS-SC16C2550 Datasheet
603Kb / 46P
   Dual UART with 16 bytes of transmit and receive FIFOs and infrared (IrDA) encoder/decoder
Rev. 03-19 June 2003
logo
Diodes Incorporated
PI7C9X760 DIODES-PI7C9X760 Datasheet
3Mb / 53P
   I2C-bus/SPI to UART Bridge Controller w/ 64 bytes of TX/RX FIFOs
Rev 6 - 2 April 2019
logo
Exar Corporation
ST16C2550 EXAR-ST16C2550 Datasheet
443Kb / 34P
   DUAL UART WITH 16-BYTE TRANSMIT AND RECEIVE FIFOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com