Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FSF781S-CX10 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # FSF781S-CX10
Description  5-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

FSF781S-CX10 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  FSF781S-CX10 Datasheet HTML 1Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 2Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 3Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 4Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 5Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 6Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 7Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 8Page - Sanyo Semicon Device FSF781S-CX10 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
1
Load
:JL:0.6×10
-4kg・m2(2050.3×10-4lb・in2
F series driver
24
6
8
10
Rise time
(ms)
0
200
400
600
800
1000
Reduced 10%
Current model
5-phase STEPPING SYSTEMS
F series DRIVER
F series MOTOR
M series MOTOR
Extensive lineup
Fseriesdriverfeatures
Lower vibration
1
Shoter cycle time
Improved responseup to 10%comparedtocurrent modelsshortens the machine cycle
time for repetitive operations.
2
Rotation-vibration characteristics
(Full-step)
0.01
0.1
110
Number of rotations
(S­1
Motor : 103F7851-7041
Power source voltage : 100V AC
Winding current : 0.75A/phase
0
0.2
0.4
0.6
0.8
1
(Vrms)
(Vrms)
Rotation-vibration characteristicsx
(1/ 250)
Current model
New model
0.01
0.1
1
10
Number of rotations
(S­1
Motor : 103F7851-7041
Power source voltage : 100V AC
Winding current : 0.75A/phase
0
0.2
0.4
0.6
0.8
1
0
50
100
150
200
250
300
350
01
23
4
5
6
Number of rotations
(S­1
Motor : 103F7852-8241
Power source voltage
:DC24V
Excitation method
:Half-step
0
50
100
150
200
250
300
350
01
23
4
5
6
Number of rotations
(S­1
Motor : 103F7852-8241
Power source voltage
:DC24V
Excitation method
:Half-step
0.72
1to250 divisions
0.72 to 0.00288degrees/pulse
AC input
DC input
AC input
DC input
Automicro function
Vibration suppression is executed internally and independently from the controller.
AC input
Automicrofunctionand microsteppingsystemenables furtherreduction of vibration
compared to current models.
Microstepping system
Thebasic step angleisdivided byamaximum of
1 / 250 using 16 selectable resolution levels to enable
smooth and vibration-free operation.


Similar Part No. - FSF781S-CX10

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
FSF78-10-D PANDUIT-FSF78-10-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-12-D PANDUIT-FSF78-12-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-18-D PANDUIT-FSF78-18-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-6-D PANDUIT-FSF78-6-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
FSF78-8-D PANDUIT-FSF78-8-D Datasheet
169Kb / 1P
   FERRULE - SINGLE WIRE
More results

Similar Description - FSF781S-CX10

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DS17H732S SANYO-DS17H732S Datasheet
815Kb / 10P
   3-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
List of Unclassifed Man...
PMM5301 ETC-PMM5301 Datasheet
41Kb / 3P
   HIC for 5-Phase Stepping Motor
PMM8714PT ETC-PMM8714PT Datasheet
73Kb / 5P
   5-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
STK672-630A-E SANYO-STK672-630A-E_11 Datasheet
166Kb / 21P
   2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E_11 Datasheet
165Kb / 21P
   2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com