Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXMN6A09DN8TC Datasheet(PDF) 6 Page - Zetex Semiconductors

Part # ZXMN6A09DN8TC
Description  DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXMN6A09DN8TC Datasheet(HTML) 6 Page - Zetex Semiconductors

  ZXMN6A09DN8TC Datasheet HTML 1Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 2Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 3Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 4Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 5Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 6Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 7Page - Zetex Semiconductors ZXMN6A09DN8TC Datasheet HTML 8Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PROVISIONAL ISSUE D - AUGUST 2001
ZXMN6A09DN8
6
110
0
200
400
600
800
1000
1200
1400
1600
1800
C
RSS
C
OSS
C
ISS
V
GS
= 0V
f = 1MHz
V
DS
- Drain - Source Voltage (V)
I
D
= 3.5A
V
DS
= 15V
Q - Charge (nC)
Basic Gate Charge Waveform
Gate Charge Test Circuit
Switching Time Waveforms
Switching Time Test Circuit


Similar Part No. - ZXMN6A09DN8TC

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A09DN8TA ZETEX-ZXMN6A09DN8TA Datasheet
577Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
logo
Diodes Incorporated
ZXMN6A09DN8TA DIODES-ZXMN6A09DN8TA Datasheet
590Kb / 8P
   60V SO8 N-channel enhancement mode MOSFET
More results

Similar Description - ZXMN6A09DN8TC

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSD DIODES-DMN6066SSD Datasheet
712Kb / 8P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DS32109 Rev 1 - 2
DMN6066SSD DIODES-DMN6066SSD_15 Datasheet
441Kb / 9P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9836A PANJIT-PJL9836A Datasheet
589Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 31,2017-REV.00
logo
TECH PUBLIC Electronics...
2N7002BKV TECHPUBLIC-2N7002BKV Datasheet
945Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
AiT Semiconductor Inc.
AM6N7002 AITSEMI-AM6N7002 Datasheet
460Kb / 8P
   MOSFET 60V DUAL N-CHANNEL ENHANCEMENT MODE
REV1.0
logo
Pan Jit International I...
PJQ5866A-AU PANJIT-PJQ5866A-AU Datasheet
477Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
March 28,2019-REV.00
logo
Diodes Incorporated
DMN6040SSD DIODES-DMN6040SSD_15 Datasheet
254Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
DMN6070SSD DIODES-DMN6070SSD_15 Datasheet
240Kb / 6P
   60V DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
PJL9830A PANJIT-PJL9830A Datasheet
398Kb / 7P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
TECH PUBLIC Electronics...
SI1026X TECHPUBLIC-SI1026X Datasheet
949Kb / 3P
   60V Dual N-Channel Enhancement Mode MOSFET
logo
Zetex Semiconductors
ZXMN6A25DN8 ZETEX-ZXMN6A25DN8 Datasheet
241Kb / 7P
   DUAL 60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com