Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS17H631D Datasheet(PDF) 3 Page - Sanyo Semicon Device

Part # DS17H631D
Description  3-PHASE STEPPING SYSTEMS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

DS17H631D Datasheet(HTML) 3 Page - Sanyo Semicon Device

  DS17H631D Datasheet HTML 1Page - Sanyo Semicon Device DS17H631D Datasheet HTML 2Page - Sanyo Semicon Device DS17H631D Datasheet HTML 3Page - Sanyo Semicon Device DS17H631D Datasheet HTML 4Page - Sanyo Semicon Device DS17H631D Datasheet HTML 5Page - Sanyo Semicon Device DS17H631D Datasheet HTML 6Page - Sanyo Semicon Device DS17H631D Datasheet HTML 7Page - Sanyo Semicon Device DS17H631D Datasheet HTML 8Page - Sanyo Semicon Device DS17H631D Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
2
Noise filter
Filters out
incoming noise
from power line
Single
phase
AC100 V
to
AC230 V
(t)
(r)
Switching
power supply
Converts AC power
to DC power.
System configuration
Standard model : H series motor
42 mm1.65 inch/50 mm1.97 inch/
56 mm2.20 inch/60 mm2.36 inch
Host Devices
PLCand controllersare available as
thehostdevice.
Motor cableoptional
B
Motor connector
CN3
2
I/O signal connector
CN1A
3
I/O signal cableoptional
C
DCpower
connector
CN2
1
Molded case
circuitbreaker
Over-current
protection.
user supplied
Electromagnetic
contactor
Switches driver power
on/off. Use together
withasurge protector.
DC
24 V
D
Connector sets
Model
Usedfor
Contents of set
Quantity
Manufacturer
Applicablewiresize Crimp tool number
PM-AP-036
DC source
CN2
Applicable housing:VHR-2N
1
J.S.T Mfg.Co.,Ltd AWG18to22
YC-160R
Applicable contact : SVH-21T-P1.1
2
PM-AP-041
42 mm
1.65 inch
Stepping
motor
CN3
Applicable contact : SVH-21T-P1.1
1
J.S.T Mfg.Co.,Ltd AWG22
YC-160R
Applicable contact : 21T-P1.1
3
Applicable housing : HER-3-NATURAL
1
YC-260R
Applicable contact : SHE-001T-P0.6
3
PM-AP-040
50mm1.97 inchMIN.
Applicable housing:VHR-3N
2
J.S.T Mfg.Co.,Ltd AWG18to22
YC-160R
Applicable contact : SVH-21T-P1.1
6
PM-AP-039
I/O signals
CN1A
Applicable housing:5051-11
1
Modex Japan
Co.,Ltd
AWG22to28
JHTR2262A
Applicable contact : 2759PBG
11
JHTR2262J
1
2
2
3
PLC


Similar Part No. - DS17H631D

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DS17 NJSEMI-DS17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
IXYS Corporation
DS17-08A IXYS-DS17-08A Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
logo
Naina Semiconductor ltd...
DS17-08A NAINA-DS17-08A Datasheet
112Kb / 2P
   Standard Recovery Diodes (Stud Version)
logo
New Jersey Semi-Conduct...
DS17-08A NJSEMI-DS17-08A Datasheet
80Kb / 1P
   Space and weight savings
More results

Similar Description - DS17H631D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
FSF781S-CX3.6 SANYO-FSF781S-CX3.6 Datasheet
2Mb / 10P
   5-PHASE STEPPING SYSTEMS
DU16H711S SANYO-DU16H711S Datasheet
2Mb / 68P
   2-PHASE STEPPING SYSTEMS
logo
ON Semiconductor
STK673-011-E ONSEMI-STK673-011-E Datasheet
116Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
STK673-010-E ONSEMI-STK673-010-E Datasheet
117Kb / 15P
   3-Phase Stepping Motor Driver
June, 2013
logo
Sanyo Semicon Device
STK673-010-E SANYO-STK673-010-E Datasheet
112Kb / 15P
   3-Phase Stepping Motor Driver Output Current 2.4A
SM2861-5052 SANYO-SM2861-5052 Datasheet
109Kb / 2P
   2-Phase Stepping motor
SH1421-5041 SANYO-SH1421-5041 Datasheet
136Kb / 2P
   2-Phase Stepping Motor
logo
List of Unclassifed Man...
PMM3501 ETC1-PMM3501 Datasheet
52Kb / 3P
   3-Phase Stepping Motor Drive IC for Universal Controller
logo
Sanyo Semicon Device
SH1601-5240 SANYO-SH1601-5240 Datasheet
134Kb / 2P
   2-Phase Stepping Motor
103H3205-5040 SANYO-103H3205-5040 Datasheet
670Kb / 11P
   2-phase Stepping Motor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com