Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA56004BD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA56004BD
Description  짹1 째C accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with overtemperature alarms
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SA56004BD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SA56004BD Datasheet HTML 2Page - NXP Semiconductors SA56004BD Datasheet HTML 3Page - NXP Semiconductors SA56004BD Datasheet HTML 4Page - NXP Semiconductors SA56004BD Datasheet HTML 5Page - NXP Semiconductors SA56004BD Datasheet HTML 6Page - NXP Semiconductors SA56004BD Datasheet HTML 7Page - NXP Semiconductors SA56004BD Datasheet HTML 8Page - NXP Semiconductors SA56004BD Datasheet HTML 9Page - NXP Semiconductors SA56004BD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 36 page
background image
SA56004X_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 22 May 2008
6 of 36
NXP Semiconductors
SA56004X
Digital temperature sensor with overtemperature alarms
7.4 Power-on reset
When power is applied to the SA56004X, the device will enter into its Power-On Reset
(POR) state and its registers are reset to their default values. The configuration, status,
and temperature-reading registers remain in these states until after the first conversion.
As shown in Table 4 this results in:
1. Command register set to 00h.
2. Local Temperature register (LTHB and LTLB) set to 0
°C.
3. Remote Diode Temperature register (RTHB and RTLB) set to 0
°C until the end of the
first conversion.
4. Status register (SR) set to 00h.
5. Configuration register (CON) set to 00h; interrupt latches are cleared, the ALERT and
T_CRIT output drivers are off and the ALERT and T_CRIT pins are pulled HIGH by
the external pull-up resistors.
6. Local T_CRIT temperature setpoints (LCS) and Remote T_CRIT temperature
setpoints (RCS) at 85
°C.
7. Local HIGH setpoint (LHS) and remote HIGH temperature setpoint (RHSHB) at 70
°C.
Table 4.
Register assignments
Register
name
Command byte
POR state
Function
Bits
Access
Read
address
Write
address
LTHB
00h
n/a
0000 0000
local temperature high byte
8
R
RTHB
01h
n/a
0000 0000
remote temperature high byte
8
R
SR
02h
n/a
0000 0000
status register
8
R
CON
03h
09h
0000 0000
configuration register
8
R/W
CR
04h
0Ah
1000
conversion rate
4
R/W
LHS
05h
0Bh
0100 0110
local high setpoint
8
R/W
LLS
06h
0Ch
0000 0000
local low setpoint
8
R/W
RHSHB
07h
0Dh
0100 0110
remote high setpoint high byte
8
R/W
RLSHB
08h
0Eh
0000 0000
remote low setpoint high byte
8
R/W
One Shot
n/a
0Fh
-
writing register initiates a one shot conversion
0
W
RTLB
10h
n/a
0000 00
remote temperature low byte
6 (MSBs)
R
RTOHB
11h
11h
0000 0000
remote temperature offset high byte
8
R/W
RTOLB
12h
12h
000
remote temperature offset low byte
3 (MSBs)
R/W
RHSLB
13h
13h
000
remote high setpoint low byte
3 (MSBs)
R/W
RLSLB
14h
14h
000
remote low setpoint low byte
3 (MSBs)
R/W
RCS
19h
19h
0101 0101
remote T_CRIT setpoint
8
R/W
LCS
20h
20h
0101 0101
local T_CRIT setpoint
8
R/W
TH
21h
21h
0 1010
T_CRIT hysteresis
5
R/W
ATLB
22h
n/a
0000 0000
local temperature low byte
3 (MSBs)
R
AM
BFh
BFh
0
Alert mode
1
R/W
RMID
FEh
n/a
1010 0001
read manufacturer’s ID
8
R
RDR
FFh
n/a
0000 0000
read stepping or die revision
8
R


Similar Part No. - SA56004BD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA56004BD PHILIPS-SA56004BD Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
SA56004BDP PHILIPS-SA56004BDP Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
More results

Similar Description - SA56004BD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6657 MAXIM-MAX6657 Datasheet
275Kb / 17P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 2; 1/02
logo
NXP Semiconductors
SA56004X PHILIPS-SA56004X Datasheet
219Kb / 23P
   1 Degrees Celcious accurate, SMBus-compatible, 8-pin, remote/local digital temperature sensor with over temperature alarms
2004 Oct 06
logo
Maxim Integrated Produc...
MAX6648 MAXIM-MAX6648_08 Datasheet
200Kb / 16P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 4; 6/08
MAX6648 MAXIM-MAX6648 Datasheet
280Kb / 17P
   Precision SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 1; 10/02
MAX6657 MAXIM-MAX6657_10 Datasheet
170Kb / 16P
   ±1°C, SMBus-Compatible Remote/Local Temperature Sensors with Overtemperature Alarms
Rev 5; 10/10
MAX6642ATT98 MAXIM-MAX6642ATT98 Datasheet
160Kb / 14P
   SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
Rev 3; 10/09
MAX6646 MAXIM-MAX6646 Datasheet
227Kb / 16P
   145째C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 1; 7/03
MAX6642 MAXIM-MAX6642_V01 Datasheet
174Kb / 14P
   짹1째C, SMBus-Compatible Remote/Local Temperature Sensor with Overtemperature Alarm
2015
MAX6646 MAXIM-MAX6646_07 Datasheet
178Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 3; 5/07
MAX6646_1207 MAXIM-MAX6646_1207 Datasheet
320Kb / 16P
   145°C Precision SMBus-Compatible Remote/ Local Sensors with Overtemperature Alarms
Rev 4; 7/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com