Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVR100AZ-B12V Datasheet(PDF) 11 Page - NXP Semiconductors

Part # PVR100AZ-B12V
Description  Voltage regulator series
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PVR100AZ-B12V Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button PVR100AZ-B12V Datasheet HTML 7Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 8Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 9Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 10Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 11Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 12Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 13Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 14Page - NXP Semiconductors PVR100AZ-B12V Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
PVR100AZ-B_SER_1
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 01 — 16 November 2006
11 of 17
NXP Semiconductors
PVR100AZ-B series
Voltage regulator series
VI =VO(typ) +2V; IO = 100 mA;
Tamb = −55 °C to 150 °C
(1) PVR100AZ-B12V
(2) PVR100AZ-B5V0
(3) PVR100AZ-B3V3
(4) PVR100AZ-B3V0
(5) PVR100AZ-B2V5
Tamb =25 °C; IO =10mA
(1) PVR100AZ-B12V; Ictrl =5mA
(2) PVR100AZ-B3V3; Ictrl = 6.5 mA
(3) PVR100AZ-B3V0; Ictrl = 6.5 mA
(4) PVR100AZ-B2V5; Ictrl = 3.5 mA
(5) PVR100AZ-B5V0; Ictrl =10mA
Fig 7.
Voltage regulator: Output voltage variation as a
function of ambient temperature; typical values
Fig 8.
Voltage regulator: Output voltage variation as a
function of input voltage; typical values
Tamb =25 °C; VI =VO(typ) +2V
(1) PVR100AZ-B12V; Ictrl =5mA
(2) PVR100AZ-B3V3; Ictrl = 6.5 mA
(3) PVR100AZ-B3V0; Ictrl = 6.5 mA
(4) PVR100AZ-B2V5; Ictrl = 3.5 mA
(5) PVR100AZ-B5V0; Ictrl =10mA
Fig 9.
Voltage regulator: Output voltage variation as a function of output current; typical values
006aaa849
Tamb (°C)
−60
150
120
90
−30
30
60
0
0
0.5
−0.5
1.0
1.5
∆VO
(V)
−1.0
(3) (4)
(5)
(2)
(1)
006aaa850
VI (V)
540
35
10
15
20
25
30
0
−0.05
0.05
0.10
∆VO
(V)
−0.10
(3)
(4)
(5)
(2)
(1)
IO (mA)
0
100
80
40
60
20
006aaa851
0
−0.1
0.1
0.2
∆VO
(V)
−0.2
(4)
(5)
(2)
(1)
(3)


Similar Part No. - PVR100AZ-B12V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AD-B NXP-PVR100AD-B Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B12V NXP-PVR100AD-B12V Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B2V5 NXP-PVR100AD-B2V5 Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B3V0 NXP-PVR100AD-B3V0 Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
PVR100AD-B3V3 NXP-PVR100AD-B3V3 Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
More results

Similar Description - PVR100AZ-B12V

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PVR100AD-B NXP-PVR100AD-B Datasheet
111Kb / 17P
   Voltage regulator series
Rev. 02-17 November 2009
logo
Billiton Ltd.
TP72 ASIC-TP72 Datasheet
146Kb / 7P
   Series voltage differential voltage regulator
logo
SHOUDING Shouding Semic...
SD5088 SHOUDING-SD5088 Datasheet
2Mb / 9P
   Series low-voltage differential voltage regulator
logo
Interpion semiconductor
IP1523 INTERPION-IP1523 Datasheet
140Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1521 INTERPION-IP1521 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1532 INTERPION-IP1532 Datasheet
422Kb / 16P
   TRIPLE OUTPUT VOLTAGE SERIES REGULATOR
logo
List of Unclassifed Man...
ML62 ETC-ML62 Datasheet
637Kb / 14P
   ML62 Series Positive Voltage Regulator
logo
Interpion semiconductor
IP1520 INTERPION-IP1520 Datasheet
350Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
IP1522 INTERPION-IP1522 Datasheet
353Kb / 14P
   DUAL OUTPUT VOLTAGE SERIES REGULATOR
logo
Fuji Electric
MB3756 FUJI-MB3756 Datasheet
228Kb / 7P
   VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com