Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Si8221DC-A-IS Datasheet(PDF) 1 Page - Silicon Laboratories

Part # Si8221DC-A-IS
Description  0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

Si8221DC-A-IS Datasheet(HTML) 1 Page - Silicon Laboratories

  Si8221DC-A-IS Datasheet HTML 1Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 2Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 3Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 4Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 5Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 6Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 7Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 8Page - Silicon Laboratories Si8221DC-A-IS Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Rev. 0.22 4/10
Copyright © 2010 by Silicon Laboratories
Si8220/21
This information applies to a product under development. Its characteristics and specifications are subject to change without notice.
Si8220/21
0.5 AND 2.5 A MP ISO DRIVERS WITH O PTO I NPUT
(2.5, 3.75, AND 5.0 KV RMS)
Features
Applications
Safety Regulatory Approvals
Description
The Si8220/21 is a high-performance, functional upgrade for opto-
coupled drivers, such as the HCPL-3120 and the HPCL-0302 providing
2.5 A of peak output current. It utilizes Silicon Laboratories' proprietary
silicon isolation technology, which provides a choice of 2.5, 3.75, or 5.0
kVRMS withstand voltages per UL1577. This technology enables higher
performance, reduced variation with temperature and age, tighter part-to-
part matching, and superior common-mode rejection compared to opto-
isolated drivers. While the input circuit mimics the characteristics of an
LED, less drive current is required, resulting in increased efficiency.
Propagation delay time is independent of input drive current, resulting in
consistently short propagation time, tighter unit-to-unit variation, and
greater input circuit design flexibility.
Functional upgrade for HCPL-0302,
HCPL-3120, TLP350, and similar
opto-drivers
50 ns propagation delay
(independent of input drive current)
14x tighter part-to-part matching
versus opto-drivers
2.5, 3.75, and 5.0 kVRMS isolation
Transient Immunity

30 kV/µs
Under-voltage lockout protection with
hysteresis
Resistant to temperature and aging
effects
Gate driver supply voltage: 6.5 V to
24 V
Operating temperature range: –40 to
+125 °C
Cost-effective
Narrow body SOIC-8 and Wide body
SOIC-16 packages
RoHS Compliant
IGBT/ MOSFET gate drives
Industrial control systems
Switch mode power supplies
UPS systems
Motor control drives
Inverters
UL 1577 recognized

Up to 5000 VRMS for 1 minute
CSA component notice 5A approval

IEC 60950, 61010, 60601
approved
VDE certification conformity

IEC 60747-5-2
(VDE0884 Part 2)
Patent pending
Pin Assignments:
See page 19
VSS
VDD
VO
VSS
CATHODE
ANODE
NC
1
2
3
4
5
6
7
8
Top View
NC
NC
9
12
11
10
13
14
15
16
NC
NC
NC
NC
NC
CATHODE
NC
NC
ANODE
NC
1
2
3
4
5
6
7
8
VO
CATHODE
Narrow Body SOIC
Top View
VSS
VO
VDD
Wide Body SOIC


Similar Part No. - Si8221DC-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8221DC-D-IS SKYWORKS-SI8221DC-D-IS Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
More results

Similar Description - Si8221DC-A-IS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI8220 SKYWORKS-SI8220 Datasheet
1Mb / 31P
   0.5 AND 2.5 AMP ISODRIVERS WITH OPTO INPUT (2.5, 3.75, AND 5.0 KVRMS)
Revision 0.22 to Revision 1.0
logo
Silicon Laboratories
SI823X SILABS-SI823X Datasheet
444Kb / 52P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
SI823X SILABS-SI823X_18 Datasheet
1,005Kb / 59P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
logo
List of Unclassifed Man...
SI8234AB-C-IS1 ETC2-SI8234AB-C-IS1 Datasheet
637Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS (2.5 AND 5 KVRMS)
logo
Skyworks Solutions Inc.
SI823X SKYWORKS-SI823X Datasheet
1Mb / 58P
   0.5 and 4.0 Amp ISOdrivers (2.5 and 5 kVRMS)
Revision 1.2
logo
Silicon Laboratories
SI8233 SILABS-SI8233 Datasheet
907Kb / 57P
   0.5 AND 4.0 AMP ISODRIVERS
logo
Skyworks Solutions Inc.
SI8239X SKYWORKS-SI8239X Datasheet
1Mb / 43P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
Rev. 1.02
logo
Silicon Laboratories
SI82390AD-IS SILABS-SI82390AD-IS Datasheet
7Mb / 38P
   4.0 A ISODrivers with 2.5 V VDDI and Safety Features
logo
Texas Instruments
ISOM8710 TI-ISOM8710_V03 Datasheet
1Mb / 34P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED SEPTEMBER 2023
ISOM8710 TI1-ISOM8710_V02 Datasheet
1Mb / 30P
[Old version datasheet]   ISOM871x 3.75-kVRMS, High-Speed Single-Channel Opto-Emulator
REVISED JULY 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com