Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PXT2222A Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PXT2222A
Description  NPN switching transistor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PXT2222A Datasheet(HTML) 2 Page - NXP Semiconductors

  PXT2222A Datasheet HTML 1Page - NXP Semiconductors PXT2222A Datasheet HTML 2Page - NXP Semiconductors PXT2222A Datasheet HTML 3Page - NXP Semiconductors PXT2222A Datasheet HTML 4Page - NXP Semiconductors PXT2222A Datasheet HTML 5Page - NXP Semiconductors PXT2222A Datasheet HTML 6Page - NXP Semiconductors PXT2222A Datasheet HTML 7Page - NXP Semiconductors PXT2222A Datasheet HTML 8Page - NXP Semiconductors PXT2222A Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2004 Nov 22
2
NXP Semiconductors
Product data sheet
NPN switching transistor
PXT2222A
FEATURES
• High current (max. 600 mA)
• Low voltage (max. 40 V).
APPLICATIONS
• General purpose switching and linear amplification.
DESCRIPTION
NPN switching transistor in a SOT89 plastic package.
PNP complement: PXT2907A.
MARKING
Note
1.
* = p: Made in Hong Kong.
* = t: Made in Malaysia.
* = W: Made in China.
PINNING
TYPE NUMBER
MARKING CODE(1)
PXT2222A
*1P
PIN
DESCRIPTION
1
emitter
2
collector
3
base
321
sym042
1
2
3
Fig.1 Simplified outline (SOT89) and symbol.
ORDERING INFORMATION
TYPE NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
PXT2222A
SC-62
plastic surface mounted package; collector pad for good heat
transfer; 3 leads
SOT89


Similar Part No. - PXT2222A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PXT2222A PHILIPS-PXT2222A Datasheet
44Kb / 8P
   NPN switching transistor
1999 Apr 14
logo
Nexperia B.V. All right...
PXT2222A NEXPERIA-PXT2222A Datasheet
807Kb / 15P
   NPN switching transistors
2 April 2014
logo
Guangdong Kexin Industr...
PXT2222A KEXIN-PXT2222A Datasheet
60Kb / 2P
   NPN Switching Transistor
logo
Nanjing International G...
PXT2222A DGNJDZ-PXT2222A Datasheet
1Mb / 4P
   SOT-89-3L Plastic-Encapsulate Transistors
logo
Micro Commercial Compon...
PXT2222A MCC-PXT2222A Datasheet
181Kb / 2P
   0.5W NPN General Purpose Amplifier
More results

Similar Description - PXT2222A

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
MBT3904T AITSEMI-MBT3904T Datasheet
1Mb / 10P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT2222AL AITSEMI-MBT2222AL Datasheet
832Kb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.3
MBT5550 AITSEMI-MBT5550 Datasheet
1,016Kb / 7P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.0
MBT3904L AITSEMI-MBT3904L Datasheet
1Mb / 9P
   SWITCHING TRANSISTOR NPN TRANSISTOR
REV1.2
logo
Fairchild Semiconductor
2N5772 FAIRCHILD-2N5772 Datasheet
28Kb / 4P
   NPN Switching Transistor
logo
NXP Semiconductors
2N3904 PHILIPS-2N3904 Datasheet
45Kb / 8P
   NPN switching transistor
1999 Apr 23
BFX85 PHILIPS-BFX85 Datasheet
56Kb / 8P
   NPN switching transistor
1997 Apr 22
PMBT4401 PHILIPS-PMBT4401 Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 15
PMST3904 PHILIPS-PMST3904 Datasheet
47Kb / 8P
   NPN switching transistor
1999 Apr 22
PZT2222A PHILIPS-PZT2222A Datasheet
46Kb / 8P
   NPN switching transistor
1999 Apr 14
2N3904 PHILIPS-2N3904_04 Datasheet
55Kb / 7P
   NPN switching transistor
2004 Oct 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com