Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTN3300BHF2 Datasheet(PDF) 10 Page - NXP Semiconductors

Part # PTN3300BHF2
Description  DVI and HDMI level shifter
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PTN3300BHF2 Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button PTN3300BHF2 Datasheet HTML 6Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 7Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 8Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 9Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 10Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 11Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 12Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 13Page - NXP Semiconductors PTN3300BHF2 Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
PTN3300B_1
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 01 — 8 July 2008
10 of 23
NXP Semiconductors
PTN3300B
DVI and HDMI level shifter
6.1.2 Output Enable function (OE_N)
When input OE_N is asserted (active LOW), the IN_Dx and OUT_Dx signals are fully
functional provided that HPD_SINK input is HIGH. Input termination resistors are enabled
and the internal bias circuits are turned on.
When OE_N is de-asserted (inactive HIGH), the OUT_Dx outputs are in a
high-impedance state and drive zero output current. The IN_Dx input buffers are disabled
and IN_Dx termination is disabled. Internal bias circuits for the differential inputs and
outputs are turned off. Power consumption is minimized.
Remark: Note that OE_N has no influence on the HPD_SINK input, HPD_SOURCE
output, or the SCL and SDA level shifters. OE_N only affects the high-speed TMDS
channel.
6.1.3 DDC channel enable function (DDC_EN)
The DDC_EN pin is active HIGH and can be used to isolate a badly behaved slave. When
DDC_EN is LOW, the DDC channel is turned off. The DDC_EN input should never change
state during an I2C-bus operation. Note that disabling DDC_EN during a bus operation will
hang the bus, while enabling DDC_EN during bus traffic would corrupt the I2C-bus
operation. Hence, DDC_EN should only be toggled while the bus is idle. (See I2C-bus
specification).
6.1.4 Enable/disable truth table
[1]
A LOW level on input HPD_SINK disables both the TMDS and DDC channels.
[2]
A HIGH level on input OE_N disables only the TMDS channels.
[3]
A LOW level on input DDC_EN disables only the DDC channel.
[4]
OUT_Dx channels ‘enabled’ means outputs OUT_Dx toggling in accordance with IN_Dx differential input voltage switching.
[5]
DDC channel ‘enabled’ means SDA_SINK is connected to SDA_SOURCE and SCL_SINK is connected to SCL_SOURCE.
[6]
The HPD_SOURCE output logic state follows the HPD_SINK input logic state regardless of Active or Standby mode.
Table 3.
HPD_SINK, OE_N and DDC_EN enabling and power saving functions truth table
Inputs
Channels
Mode
HPD_SINK
[1]
OE_N
[2]
DDC_EN
[3]
IN_Dx
OUT_Dx[4]
DDC[5]
HPD_SOURCE
[6]
LOW
X
X
high-impedance
high-impedance;
zero output current
high-impedance
LOW
Standby
HIGH
LOW
LOW
50
Ω termination
to VRX(bias)
enabled
high-impedance
HIGH
Active
HIGH
LOW
HIGH
50
Ω termination
to VRX(bias)
enabled
enabled
HIGH
Active
HIGH
HIGH
LOW
high-impedance
high-impedance;
zero output current
high-impedance
HIGH
Standby
HIGH
HIGH
HIGH
high-impedance
high-impedance;
zero output current
enabled
HIGH
Standby
with DDC
channel
enabled


Similar Part No. - PTN3300BHF2

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3300AHF NXP-PTN3300AHF Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3300AHF2 NXP-PTN3300AHF2 Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
More results

Similar Description - PTN3300BHF2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ASM1442 ETC2-ASM1442 Datasheet
366Kb / 18P
   HDMI/DVI Level Shifter
logo
NXP Semiconductors
PTN3360B NXP-PTN3360B Datasheet
398Kb / 22P
   Enhanced performance HDMI/DVI level shifter
Rev. 02-8 October 2009
logo
Maxim Integrated Produc...
MAX9406 MAXIM-MAX9406 Datasheet
303Kb / 11P
   DisplayPort to DVI/HDMI Level Shifter
Rev 0; 10/07
logo
NXP Semiconductors
PTN3360A NXP-PTN3360A Datasheet
395Kb / 21P
   Enhanced performance HDMI/DVI level shifter with inverting HPD
Rev. 02-8 October 2009
PTN3300A NXP-PTN3300A Datasheet
133Kb / 23P
   DVI/HDMI level shifter with inverting 1.1 V HPD
Rev. 01-30 June 2008
PTN3361B NXP-PTN3361B Datasheet
155Kb / 29P
   HDMI/DVI level shifter with dongle detect support and active DDC buffer
Rev. 02-7 October 2009
logo
Pericom Semiconductor C...
PI3VDP411LSA PERICOM-PI3VDP411LSA Datasheet
635Kb / 13P
   Dual Mode DisplayPort to DVI/HDMI Electrical bridge (Level Shifter)
logo
Diodes Incorporated
PI3VDP411LSR DIODES-PI3VDP411LSR Datasheet
616Kb / 10P
   Dual Mode DisplayPort??to DVI/HDMI??Electrical Bridge (Level Shifter)
08/23/11
logo
STMicroelectronics
STHDLS101 STMICROELECTRONICS-STHDLS101 Datasheet
491Kb / 25P
   AC coupled HDMI level shifter
logo
NXP Semiconductors
IP4791CZ12 NXP-IP4791CZ12_11 Datasheet
154Kb / 17P
   HDMI ESD protection, level shifter and backdrive protection
Rev. 3-7 January 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com