Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN102-200Y Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PSMN102-200Y
Description  N-channel TrenchMOS standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN102-200Y Datasheet(HTML) 1 Page - NXP Semiconductors

  PSMN102-200Y Datasheet HTML 1Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 2Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 3Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 4Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 5Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 6Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 7Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 8Page - NXP Semiconductors PSMN102-200Y Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1.
Product profile
1.1 General description
N-channel enhancement mode Field-Effect Transistor (FET) in a plastic package using
TrenchMOS technology.
1.2 Features
1.3 Applications
1.4 Quick reference data
2.
Pinning information
PSMN102-200Y
N-channel TrenchMOS standard level FET
Rev. 01 — 29 April 2008
Product data sheet
I Low body Qr
I Fast switching
I Industrial DC motor control
I Class D audio
I DC-to-DC converters
I Switched-mode power supplies
I VDS ≤ 200 V
I ID ≤ 21.5 A
I RDSon ≤ 102 mΩ
I QGD = 10.1 nC (typ)
Table 1.
Pinning
Pin
Description
Simplified outline
Symbol
1, 2, 3
source (S)
SOT669 (LFPAK)
4
gate (G)
mb
mounting base; connected to drain
(D)
mb
1234
S
D
G
mbb076


Similar Part No. - PSMN102-200Y

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN102-200Y NEXPERIA-PSMN102-200Y Datasheet
928Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 03 - 16 March 2011
More results

Similar Description - PSMN102-200Y

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK7675-55A PHILIPS-BUK7675-55A_15 Datasheet
272Kb / 12P
   N-channel TrenchMOS standard level FETN-channel TrenchMOS standard level FET
25 August 2014
PHP34NQ11T PHILIPS-PHP34NQ11T Datasheet
91Kb / 12P
   N-channel TrenchMOS??standard level FET
Rev. 01-17 May 2004
BUK7C06-40AITE PHILIPS-BUK7C06-40AITE Datasheet
109Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 04-23 June 2005
PH20100S NXP-PH20100S Datasheet
183Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-2 February 2009
PHB29N08T NXP-PHB29N08T Datasheet
189Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 03-13 October 2009
PHB47NQ10T NXP-PHB47NQ10T Datasheet
205Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHB119NQ06T NXP-PHB119NQ06T Datasheet
191Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-15 April 2010
PHD20N06T NXP-PHD20N06T Datasheet
379Kb / 12P
   N-channel TrenchMOS standard level FET
Rev. 02-1 December 2009
PMZ350XN NXP-PMZ350XN Datasheet
91Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 01-21 February 2008
PHP23NQ11T NXP-PHP23NQ11T Datasheet
220Kb / 13P
   N-channel TrenchMOS standard level FET
Rev. 02-25 February 2010
PHP3055E NXP-PHP3055E Datasheet
248Kb / 14P
   N-channel TrenchMOS standard level FET
Rev. 07-26 February 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com