Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN039-100YS Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PSMN039-100YS
Description  N-channel LFPAK 100 V 39.5 m廓 standard level MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN039-100YS Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PSMN039-100YS Datasheet HTML 4Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 5Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 6Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 7Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 8Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 9Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 10Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 11Page - NXP Semiconductors PSMN039-100YS Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
PSMN039-100YS_2
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2010. All rights reserved.
Product data sheet
Rev. 02 — 2 April 2010
8 of 15
NXP Semiconductors
PSMN039-100YS
N-channel LFPAK 100 V 39.5 m
Ω standard level MOSFET
Fig 9.
Drain-source on-state resistance as a function
of gate-source voltage; typical values
Fig 10. Gate-source threshold voltage as a function of
junction temperature
Fig 11. Sub-threshold drain current as a function of
gate-source voltage
Fig 12. Normalized drain-source on-state resistance
factor as a function of junction temperature
003aae100
20
40
60
80
100
4
8
12
16
20
V
GS(V)
R
DSon
(m
Ω)
Tj (°C)
−60
180
120
060
003aad280
2
3
1
4
5
VGS(th)
(V)
0
max
typ
min
03aa35
VGS (V)
06
4
2
10−4
10−5
10−2
10−3
10−1
ID
(A)
10−6
min
typ
max
003aad774
0
0.8
1.6
2.4
3.2
-60
0
60
120
180
Tj (°C)
a


Similar Part No. - PSMN039-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN039-100YS NEXPERIA-PSMN039-100YS Datasheet
806Kb / 15P
   N-channel LFPAK 100 V 39.5 mΩ standard level MOSFET
Rev. 02 - 2 April 2010
More results

Similar Description - PSMN039-100YS

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PSMN039-100YS NEXPERIA-PSMN039-100YS Datasheet
806Kb / 15P
   N-channel LFPAK 100 V 39.5 mΩ standard level MOSFET
Rev. 02 - 2 April 2010
logo
NXP Semiconductors
PSMN069-100YS PHILIPS-PSMN069-100YS Datasheet
232Kb / 15P
   N-channel LFPAK 100 V 72.4 m廓 standard level MOSFET
Rev. 02-25 October 2010
PSMN016-100YS NXP-PSMN016-100YS_10 Datasheet
249Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 03-30 March 2010
PSMN016-100YS NXP-PSMN016-100YS Datasheet
248Kb / 14P
   N-channel 100 V 16 m廓 standard level MOSFET in LFPAK
Rev. 02-25 January 2010
PSMN016-100YS PHILIPS-PSMN016-100YS_11 Datasheet
294Kb / 15P
   N-channel 100 V 16.3 m廓 standard level MOSFET in LFPAK
Rev. 4-27 September 2011
PSMN014-40YS NXP-PSMN014-40YS Datasheet
250Kb / 15P
   N-channel LFPAK 40 V, 14 m廓 standard level MOSFET
Rev. 01-18 February 2010
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
PSMN2R6-40YS NXP-PSMN2R6-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 2.8 m廓 standard level MOSFET
Rev. 01-23 June 2009
PSMN7R0-60YS NXP-PSMN7R0-60YS Datasheet
247Kb / 15P
   N-channel LFPAK 60 V 6.4 m廓 standard level MOSFET
Rev. 02-30 March 2010
PSMN4R0-40YS NXP-PSMN4R0-40YS Datasheet
229Kb / 13P
   N-channel LFPAK 40 V 4.2 m廓 standard level MOSFET
Rev. 01-25 June 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com