Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV6295AIPT Datasheet(PDF) 9 Page - STMicroelectronics

Part # TSV6295AIPT
Description  Micropower, wide bandwidth CMOS operational amplifiers
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV6295AIPT Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TSV6295AIPT Datasheet HTML 5Page - STMicroelectronics TSV6295AIPT Datasheet HTML 6Page - STMicroelectronics TSV6295AIPT Datasheet HTML 7Page - STMicroelectronics TSV6295AIPT Datasheet HTML 8Page - STMicroelectronics TSV6295AIPT Datasheet HTML 9Page - STMicroelectronics TSV6295AIPT Datasheet HTML 10Page - STMicroelectronics TSV6295AIPT Datasheet HTML 11Page - STMicroelectronics TSV6295AIPT Datasheet HTML 12Page - STMicroelectronics TSV6295AIPT Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
TSV629x, TSV629xA
Electrical characteristics
Doc ID 16882 Rev 2
9/25
AC performance
GBP
Gain bandwidth product
RL =10kΩ, CL = 100 pF
1.3
MHz
Gain
Minimum gain for stability
Phase margin = 60°, Rf = 10kΩ,
RL =10kΩ, CL =20pF, Top = 25° C
+4
-3
V/V
SR
Slew rate
RL =10kΩ, CL = 100 pF, Vout = 0.5 V
to 4.5 V
0.5
V/
μs
en
Equivalent input noise
voltage
f = 1 kHz
77
THD+N
Total harmonic distortion +
noise
Av = -10, fin = 1 kHz, RL= 100 kΩ,
Vicm = Vcc/2, Vout = 1 Vrms,
BW = 22 kHz
0.03
%
1.
Guaranteed by design.
Table 7.
VCC+ = +5 V, VCC- = 0 V, Vicm = VCC/2, Tamb = 25° C, RL connected to VCC/2
(unless otherwise specified) (continued)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
nV
Hz
------------
Table 8.
Shutdown characteristics at VCC = 5 V (TSV6293, TSV6295)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
ICC
Supply current in shutdown
mode (all operators)
SHDN = VIL
550
nA
Tmin < Top < 85° C
200
nA
Tmin < Top < 125° C
1.5
µA
ton
Amplifier turn-on time
RL = 5 kΩ, Vout = VCC- to VCC- + 0.2 V
200
ns
toff
Amplifier turn-off time
RL = 5 kΩ, Vout = VCC+ - 0.5 V to
VCC + - 0.7 V
20
ns
VIH
SHDN logic high
2
V
VIL
SHDN logic low
0.8
V
IIH
SHDN current high
SHDN = VCC+
10
pA
IIL
SHDN current low
SHDN = VCC-
10
pA
IOLeak
Output leakage in shutdown
mode
SHDN = VCC-
50
pA
Tmin < Top < 125° C
1
nA


Similar Part No. - TSV6295AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV6290 STMICROELECTRONICS-TSV6290 Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290A STMICROELECTRONICS-TSV6290A Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290AICT STMICROELECTRONICS-TSV6290AICT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290AILT STMICROELECTRONICS-TSV6290AILT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
TSV6290ICT STMICROELECTRONICS-TSV6290ICT Datasheet
761Kb / 23P
   Micropower with high merit factor CMOS operational amplifiers
More results

Similar Description - TSV6295AIPT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSX561ILT STMICROELECTRONICS-TSX561ILT Datasheet
1Mb / 27P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
TSX56X STMICROELECTRONICS-TSX56X Datasheet
1Mb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
February 2017 Rev 5
TSX561 STMICROELECTRONICS-TSX561 Datasheet
1,018Kb / 28P
   Micropower, wide bandwidth (900 kHz), 16 V CMOS operational amplifiers
August 2013 Rev 4
TSV6390 STMICROELECTRONICS-TSV6390 Datasheet
1Mb / 22P
   Micropower (60 關A), wide bandwidth (2.4 MHz) CMOS operational amplifiers
December 2015 Rev 2
logo
Burr-Brown (TI)
OPA336 BURR-BROWN-OPA336_08 Datasheet
1Mb / 19P
   SINGLE-SUPPLY, microPower CMOS OPERATIONAL AMPLIFIERS CMOS OPERATIONAL AMPLIFIERS
logo
PROMAX-JOHNTON CORP
PJ4558 PROMAX-JOHNTON-PJ4558 Datasheet
430Kb / 5P
   Dual Wide Bandwidth Operational Amplifiers
2003/04.ver.B
logo
ON Semiconductor
MC4558V ONSEMI-MC4558V Datasheet
75Kb / 8P
   Dual Wide Bandwidth Operational Amplifiers
December, 2000 ??Rev. 0
logo
STMicroelectronics
MC4558 STMICROELECTRONICS-MC4558 Datasheet
78Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
August 1998
LF253DT STMICROELECTRONICS-LF253DT Datasheet
909Kb / 15P
   Wide bandwidth dual JFET operational amplifiers
TJM4558CD STMICROELECTRONICS-TJM4558CD Datasheet
292Kb / 7P
   WIDE BANDWIDTH DUAL BIPOLAR OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com