Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSMN035-150B Datasheet(PDF) 6 Page - NXP Semiconductors

Part # PSMN035-150B
Description  N-channel TrenchMOS SiliconMAX standard level FET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PSMN035-150B Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button PSMN035-150B Datasheet HTML 2Page - NXP Semiconductors PSMN035-150B Datasheet HTML 3Page - NXP Semiconductors PSMN035-150B Datasheet HTML 4Page - NXP Semiconductors PSMN035-150B Datasheet HTML 5Page - NXP Semiconductors PSMN035-150B Datasheet HTML 6Page - NXP Semiconductors PSMN035-150B Datasheet HTML 7Page - NXP Semiconductors PSMN035-150B Datasheet HTML 8Page - NXP Semiconductors PSMN035-150B Datasheet HTML 9Page - NXP Semiconductors PSMN035-150B Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
PSMN035-150B_4
© NXP B.V. 2009. All rights reserved.
Product data sheet
Rev. 04 — 17 November 2009
6 of 12
NXP Semiconductors
PSMN035-150B
N-channel TrenchMOS SiliconMAX standard level FET
Fig 6.
Output characteristics: drain current as a
function of drain-source voltage; typical values
Fig 7.
Transfer characteristics: drain current as a
function of gate-source voltage; typical values
Fig 8.
Sub-threshold drain current as a function of
gate-source voltage
Fig 9.
Forward transconductance as a function of
drain current; typical values
003aaa019
VDS (V)
0
0.4
0.8
1.2
1.6
2
ID
(A)
0
10
20
30
40
50
8 V
5.4 V
5.2 V
5 V
4.8 V
4.6 V
4.4 V
VGS = 10 V
6 V
VGS (V)
ID
(A)
0
10
20
30
40
50
VDS > ID × RDSon
175
°C
Tj = 25 °C
10
4
26
8
0
003aaa020
003aaa024
1
2
3
4
5
max
typ
min
ID
(A)
VGS (V)
10−7
10−6
10−5
10−4
10−3
10−2
gfs
(S)
ID (A)
20
10
30
40
50
0
0
20
30
40
50
10
Tj = 25 °C
Tj = 175 °C
003aaa025


Similar Part No. - PSMN035-150B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN035-150B PHILIPS-PSMN035-150B Datasheet
102Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
PSMN035-150B PHILIPS-PSMN035-150B Datasheet
145Kb / 9P
   N-channel TrenchMOS transistor
August 1999 Rev 1.000
logo
Nexperia B.V. All right...
PSMN035-150B NEXPERIA-PSMN035-150B Datasheet
723Kb / 12P
   N-channel TrenchMOS SiliconMAX standard leve
Rev. 04 - 17 November 2009
More results

Similar Description - PSMN035-150B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PSMN057-200B PHILIPS-PSMN057-200B_15 Datasheet
238Kb / 11P
   N-channel TrenchMOS SiliconMAX standard level FET
15 August 2013
PSMN009-100P NXP-PSMN009-100P Datasheet
190Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-30 September 2009
PSMN008-75B NXP-PSMN008-75B Datasheet
220Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-11 December 2009
logo
Nexperia B.V. All right...
PSMN085-150K NEXPERIA-PSMN085-150K Datasheet
786Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 3 - 22 December 2011
PSMN025-100D NEXPERIA-PSMN025-100D Datasheet
799Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 12 January 2012
PHP165NQ08T NEXPERIA-PHP165NQ08T Datasheet
305Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02 - 27 March 2009
logo
NXP Semiconductors
PSMN085-150K NXP-PSMN085-150K Datasheet
208Kb / 13P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-1 March 2010
PSMN165-200K NXP-PSMN165-200K Datasheet
387Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 02-3 December 2009
PSMN070-200B PHILIPS-PSMN070-200B_15 Datasheet
171Kb / 12P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 04-14 December 2010
logo
Nexperia B.V. All right...
PSMN009-100P NEXPERIA-PSMN009-100P Datasheet
776Kb / 14P
   N-channel TrenchMOS SiliconMAX standard level FET
Rev. 4 - 27 December 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com