Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV612AIST Datasheet(PDF) 8 Page - STMicroelectronics

Part # TSV612AIST
Description  Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV612AIST Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TSV612AIST Datasheet HTML 4Page - STMicroelectronics TSV612AIST Datasheet HTML 5Page - STMicroelectronics TSV612AIST Datasheet HTML 6Page - STMicroelectronics TSV612AIST Datasheet HTML 7Page - STMicroelectronics TSV612AIST Datasheet HTML 8Page - STMicroelectronics TSV612AIST Datasheet HTML 9Page - STMicroelectronics TSV612AIST Datasheet HTML 10Page - STMicroelectronics TSV612AIST Datasheet HTML 11Page - STMicroelectronics TSV612AIST Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Electrical characteristics
TSV611, TSV611A, TSV612, TSV612A
8/19
Doc ID 15768 Rev 2
Figure 5.
Voltage gain and phase vs.
frequency at VCC =5V
Figure 6.
Phase margin vs. output current
Figure 7.
Positive slew rate vs. time, VCC = 1.5 V,
CLoad = 100 pF, RLoad = 10 kΩ
Figure 8.
Negative slew rate vs. time, VCC = 1.5 V,
CLoad = 100 pF, RLoad = 10 kΩ
V
CC
=1.5V, V
icm
=V
CC
/2
R
Load
=10k
Ω, C
Load
=100pF
T=85°C
T=25°C
T=−40°C
Time (µs)
T=85
°C
T=-40
°C
T=25
°C
V
CC
=1.5V, V
icm
=V
CC
/2,
R
Load
=10k
Ω, C
Load
=100pF
V
Load
=V
CC
/2
Time (µs)
Figure 9.
Positive slew rate vs. time, VCC = 5.5 V,
CLoad = 100 pF, RLoad = 100 kΩ
Figure 10.
Negative slew rate vs. time, VCC = 5.5 V,
CLoad = 100 pF, RLoad = 100 kΩ
Ω
Ω


Similar Part No. - TSV612AIST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV612AIST STMICROELECTRONICS-TSV612AIST Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
More results

Similar Description - TSV612AIST

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com