Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19KR-8P-1F Datasheet(PDF) 8 Page - Hirose Electric

Part # DF19KR-8P-1F
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19KR-8P-1F Datasheet(HTML) 8 Page - Hirose Electric

Back Button DF19KR-8P-1F Datasheet HTML 4Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 5Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 6Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 7Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 8Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 9Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 10Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 11Page - Hirose Electric DF19KR-8P-1F Datasheet HTML 12Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
B260
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
■Plug (Discrete wire)
■Crimp contacts
CL No.
Part number
Packaging
Quantity
Finish
RoHS
685-0048-6-**
685-0046-0-**
685-0047-3-**
DF19A-2830SCFA (* *)
DF19A-3032SCFA (* *)
DF19A-3336SCFA (* *)
Tape & reel
See Specifications
number below
Gold plated YES
Wire size (stranded wire conductor)
Jacket diameter
AWG#28 (7/ 0.127 mm)
AWG#30 (7/ 0.1 mm)
AWG#32 (7/ 0.08 mm)
AWG#36 (7/ 0.05 mm)
0.5mm to 0.6mm
0.27mm
Part number
Part
CL No.
AP105-DF19S
CM-105
Applicator
Press unit
901-4571-3
901-0005-4
A
B
P=1
B
Contact No. 1 indicator
No. of contacts
indicator
Contact No. 1 indicator
Contact No. 5 and multiples indicator
Contact No. 5 and multiples indicator
Contact No. 1 indicator
A
P=1
0.7
0.63
t=0.15
Carrier strip
Note 1: Use of other than Hirose Electric approved tools will void the product warranties.
Note 2: Contact Hirose for the wire striping, contact crimp and contact insertion instructions.
Note 1: When using other than the recommended wire, contact your Hirose sales representative.
Note 2: Contact your Hirose sales representative when using AWG#36.
Applicable cable (Tin plated annealed conductor)
Tools
Applicable UL style
UL1571 (Note2)
Strip length
1.2mm to 1.9mm
Shown with terminated and installed contacts
DF19-*S-1C
DF19G-*S-1C(05)
Note: Order by number of bags.
Part number
Number of contacts
A
B RoHS
CL No.
Part number
Number of contacts
A
B RoHS
CL No.
685-0029-1
685-0012-9
685-0011-6
685-0013-1
DF19 -18S-1C
DF19 -14S-1C
DF19 -20S-1C
DF19 -30S-1C
8
14
20
30
11.5
17.5
23.5
33.5
7
13
19
29
YES
685-0022-2-05
685-0005-3-05
685-0007-9-05
685-0014-4-05
DF19G -18S-1C(05)
DF19G -14S-1C(05)
DF19G -20S-1C(05)
DF19G -30S-1C(05)
8
14
20
30
11.5
17.5
23.5
33.5
7
13
19
29
YES
Unit: mm
Specification
Blank,(05): Bag packaging
(100 pieces per bag)
Specification number * *(* *)
Blank: Tape & reel packaging (10,000 pieces per reel)
(41) : Tape & reel packaging (20,000 pieces per reel)
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19KR-8P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19KR-8P-1F HIROSE-DF19KR-8P-1F Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
DF19KR-8P-1FGND HIROSE-DF19KR-8P-1FGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19KR-8P-1F

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com