Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSV611A Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSV611A
Description  Rail-to-rail input/output 10 關A, 120 kHz CMOS operational amplifiers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV611A Datasheet(HTML) 1 Page - STMicroelectronics

  TSV611A Datasheet HTML 1Page - STMicroelectronics TSV611A Datasheet HTML 2Page - STMicroelectronics TSV611A Datasheet HTML 3Page - STMicroelectronics TSV611A Datasheet HTML 4Page - STMicroelectronics TSV611A Datasheet HTML 5Page - STMicroelectronics TSV611A Datasheet HTML 6Page - STMicroelectronics TSV611A Datasheet HTML 7Page - STMicroelectronics TSV611A Datasheet HTML 8Page - STMicroelectronics TSV611A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
January 2010
Doc ID 15768 Rev 2
1/19
19
TSV611, TSV611A, TSV612, TSV612A
Rail-to-rail input/output 10 µA, 120 kHz
CMOS operational amplifiers
Features
Rail-to-rail input and output
Low power consumption: 10 µA typ at 5 V
Low supply voltage: 1.5 to 5.5 V
Gain bandwidth product: 120 kHz typ
Unity gain stable
Low input offset voltage: 800 µV max (A
version)
Low input bias current: 1 pA typ
Temperature range: -40 to +85° C
Applications
Battery-powered applications
Smoke detectors
Proximity sensors
Portable devices
Signal conditioning
Active filtering
Medical instrumentation
Description
The TSV61x family of single and dual operational
amplifiers offers low voltage, low power operation
and rail-to-rail input and output.
The devices also feature an ultra-low input bias
current as well as a low input offset voltage.
The TSV61x have a gain bandwidth product of
120 kHz while consuming only 10 µA at 5 V.
These features make the TSV61x family ideal for
sensor interfaces, battery supplied and portable
applications, as well as active filtering.
SOT23-5/SC70-5
MiniSO-8/SO-8
TSV612IST - TSV612ID/DT
TSV611ILT - TSV611ICT
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
In2+
V
CC-
1
2
3
5
4
8
7
6
In1+
In1-
Out2
+
_
Out1
In2-
+
_
V
CC+
V
CC-
In+
In-
Out
1
2
3
5
4
+
_
V
CC+
V
CC-
In+
In-
Out
1
2
3
5
4
+
_
V
CC+
www.st.com


Similar Part No. - TSV611A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611AICT STMICROELECTRONICS-TSV611AICT Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV611AILT STMICROELECTRONICS-TSV611AILT Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
More results

Similar Description - TSV611A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSV611 STMICROELECTRONICS-TSV611 Datasheet
264Kb / 16P
   Rail-to-rail input/output 11 關A, 120 kHz CMOS operational amplifiers
TSV6191 STMICROELECTRONICS-TSV6191 Datasheet
723Kb / 18P
   Rail-to-rail input/output 10 關A, 450 kHz CMOS operational amplifiers
May 2017 Rev 2
TSV620 STMICROELECTRONICS-TSV620 Datasheet
805Kb / 24P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
May 2017 Rev 3
TSV621 STMICROELECTRONICS-TSV621 Datasheet
592Kb / 18P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV622 STMICROELECTRONICS-TSV622 Datasheet
1,011Kb / 25P
   Rail-to-rail input/output 29 關A 420 kHz CMOS operational amplifiers
TSV62X STMICROELECTRONICS-TSV62X Datasheet
972Kb / 24P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational amplifiers
May 2017 Rev 6
TSV632 STMICROELECTRONICS-TSV632 Datasheet
1,006Kb / 26P
   Rail-to-rail input/output 60 關A 880 kHz operational amplifiers
CD00234048 STMICROELECTRONICS-CD00234048 Datasheet
947Kb / 25P
   Rail-to-rail input/output, 29 關A, 420 kHz CMOS operational
January 2013 Rev 5
TSV630 STMICROELECTRONICS-TSV630 Datasheet
818Kb / 23P
   Rail-to-rail input/output 60 關A 880 kHz CMOS operational amplifier
TSV63X STMICROELECTRONICS-TSV63X Datasheet
1Mb / 31P
   Dual and quad, rail-to-rail input/output, 60 關A, 880 kHz operational amplifiers
May 2015 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com