Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF11-22DP-2DSA Datasheet(PDF) 7 Page - Hirose Electric

Part # DF11-22DP-2DSA
Description  2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF11-22DP-2DSA Datasheet(HTML) 7 Page - Hirose Electric

Back Button DF11-22DP-2DSA Datasheet HTML 3Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 4Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 5Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 6Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 7Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 8Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 9Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 10Page - Hirose Electric DF11-22DP-2DSA Datasheet HTML 11Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
B226
DF11 Seriesq2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
qBoard Through-hole Diameter: Ø0.8+0
+0.1
Note1: Specific No. (01) and (08) items are delivered per bag unit (100 pcs.). Please order products per bagunit.
Note2: Please order the tube packaging products, by mutiplying a tube quantity( pcs.).
qBoard Through-hole Diameter: Ø0.8+0
+0.1
[Specific No.] –* *, (* *)
(01)
: Gold plated
(08)
: Tin plated
(24)
: Tin plated tube package product
[Specific No.] –* *, (* *)
(24)
: Tin plated tube packaging product
(52)
: Gold plated tube packaging product
sStraight Pin Header
sRight Angle Pin Header
Unit: mm
Part Number
CL No.
DF11- 4DP-2DSA(**)
DF11- 6DP-2DSA(**)
DF11- 8DP-2DSA(**)
DF11-10DP-2DSA(**)
DF11-12DP-2DSA(**)
DF11-14DP-2DSA(**)
DF11-16DP-2DSA(**)
DF11-18DP-2DSA(**)
543-0517-5-**
543-0518-8-**
543-0519-0-**
543-0520-0-**
543-0521-2-**
543-0522-5-**
543-0523-8-**
543-0524-0-**
4
6
8
10
12
14
16
18
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
Number of
Contacts
A
B
81pcs.
61
49
40
34
30
27
24
Tube Package
Quantity
Part Number
CL No.
DF11-20DP-2DSA(**)
DF11-22DP-2DSA(**)
DF11-24DP-2DSA(**)
DF11-26DP-2DSA(**)
DF11-28DP-2DSA(**)
DF11-30DP-2DSA(**)
DF11-32DP-2DSA(**)
543-0525-3-**
543-0526-6-**
543-0527-9-**
543-0528-1-**
543-0529-4-**
543-0530-3-**
543-0531-6-**
20
22
24
26
28
30
32
22.0
24.0
26.0
28.0
30.0
32.0
34.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
Number of
Contacts
A
B
22pcs.
20
18
17
16
15
14
Tube Package
Quantity
YES
RoHS
YES
RoHS
Note1: Please order the tube packaging product by mutiplying a tube quantity( pcs.).
Unit: mm
Part Number
CL No.
Number of
Contacts
A
B
Tube Package
Quantity
YES
RoHS
Unit: mm
DF11- 4DP-2DS(**)
DF11- 6DP-2DS(**)
DF11- 8DP-2DS(**)
DF11-10DP-2DS(**)
DF11-12DP-2DS(**)
DF11-14DP-2DS(**)
DF11-16DP-2DS(**)
DF11-18DP-2DS(**)
543-0533-1-**
543-0534-4-**
543-0535-7-**
543-0536-0-**
543-0537-2-**
543-0538-5-**
543-0539-8-**
543-0540-7-**
4
6
8
10
12
14
16
18
6.0
8.0
10.0
12.0
14.0
16.0
18.0
20.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
81pcs.
61
48
40
34
30
27
24
Part Number
CL No.
Number of
Contacts
A
B
Tube Package
Quantity
YES
RoHS
DF11-20DP-2DS(**)
DF11-22DP-2DS(**)
DF11-24DP-2DS(**)
DF11-26DP-2DS(**)
DF11-28DP-2DS(**)
DF11-30DP-2DS(**)
DF11-32DP-2DS(**)
543-0541-0-**
543-0542-2-**
543-0543-5-**
543-0544-8-**
543-0545-0-**
543-0546-3-**
543-0547-6-**
20
22
24
26
28
30
32
22.0
24.0
26.0
28.0
30.0
32.0
34.0
18.0
20.0
22.0
24.0
26.0
28.0
30.0
22pcs.
20
18
17
16
15
14
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF11-22DP-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF11-22DP-2DSA HIROSE-DF11-22DP-2DSA Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-22DP-2DSA HIROSE-DF11-22DP-2DSA Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
List of Unclassifed Man...
DF11-22DP-2DSA ETC2-DF11-22DP-2DSA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-22DP-2DSA01 HIROSE-DF11-22DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
More results

Similar Description - DF11-22DP-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DF11-2428SCFA ETC2-DF11-2428SCFA Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
logo
Hirose Electric
DF11-30DS-2DSA06 HIROSE-DF11-30DS-2DSA06 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-4DS-2R26 HIROSE-DF11-4DS-2R26 Datasheet
444Kb / 12P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11 HIROSE-DF11 Datasheet
551Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-8DP-2DS52 HIROSE-DF11-8DP-2DS52 Datasheet
535Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
DF11-16DP-2DSA01 HIROSE-DF11-16DP-2DSA01 Datasheet
547Kb / 14P
   2mm Double-Row Connector (Product Compliant to UL/CSA Standard)
MDF6-4DS-3.5C HIROSE-MDF6-4DS-3.5C Datasheet
201Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
MDF6 HIROSE-MDF6 Datasheet
178Kb / 5P
   3.5mm Pitch Miniature Double Row Connector for Secondary Power (Product Compliant to UL/CSA Standard)
DF2-2P-2.5C HIROSE-DF2-2P-2.5C Datasheet
140Kb / 4P
   2.5mm Pitch Connector Directly Mounted on Board (Product Compliant to UL/CSA Standard)
DF3-2S-2R26 HIROSE-DF3-2S-2R26_1 Datasheet
345Kb / 13P
   2mm Pitch Connector for Discrete Wire Connection(Product approved by UL CSA Standard)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com