Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HIF6-32DA-1.27DSL Datasheet(PDF) 1 Page - Hirose Electric

Part # HIF6-32DA-1.27DSL
Description  1.27mm Pitch Two-Piece Connector
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

HIF6-32DA-1.27DSL Datasheet(HTML) 1 Page - Hirose Electric

  HIF6-32DA-1.27DSL Datasheet HTML 1Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 2Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 3Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 4Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 5Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 6Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 7Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 8Page - Hirose Electric HIF6-32DA-1.27DSL Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
B69
1.27mm Pitch Two-Piece Connector
HIF6 Series
sFeatures
1. Product Variation
The connection method is available with the board to
board type and insulation displacement type.
2. Broad applications
HIF2E, HIF3B and HIF5 can be combined one other,
because the 1.27mm pitch flat cable is used.
3. Applicable Cables
The applicable cable is a (UL2651) AWG #28 flat cable
(7cores: 0.127mm, outer jacket diameter: 0.8 to1.0mm)
4. Mis-insertion Preventive Structure
The mis-insertion preventive guide prevents mis-
insertion.
Rating
Current rating: 0.5A
Voltage rating: 125V AC
Operating Temperature Range: -55 to +85 ç (Note 1)
Operating Humidity Range: 40 to 80%
Storage Temperature Range: -10 to +60ç (Note 2)
Operating Humidity Range: 40 to 70%
(Note 2)
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range and
Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3: Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and specifications for
a specific part number shown.
Note 4: Please note that there is a risk of deforming the lock when an excessive load is applied to the inside.
250V DC
300V AC/1 minute.
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
500 cycles
Solder bath: 260ç for 10 seconds
Manual soldering: 360ç for 5 seconds
1000M ohms min.
No flashover or insulation breakdown.
30m ohms max.
No electrical discontinuity of 1µs or more
Insulation resistance: 1000M ohms min.
Contact resistance: 30m ohms max.
No damage, cracks, or parts looseness.
No deformation of components affecting performance.
(-65ç: 30 minutes¡15 to 35ç: 5 minutes max.¡
125ç: 30 minutes¡15 to 35ç: 5 minutes max.) 5 cycles
1.Insulation Resistance
2.Withstanding Voltage
3.Contact Resistance
4.Vibration
5.Humidity (Steady state)
6.Temperature Cycle
7.Durability (Mating/un-mating)
8.Resistance to Soldering heat
Item
Specification
Condition
sApplications
Computers, peripheral and terminal equipment, PPC, various kinds of electronic equipment, Office Automation machines
sProduct Specifications
qHIF3B Series
(MIL-C-83503)
qHIF5 Series
(Card edge type)
qHIF2 Series
(Board direct mount type)
qRC Series
(Micro ribbon connector)
qFD Series
(D sub-ribbon connector)
Photo1 (For further information, refer to catalog page B86.)
Connector in combination with the HIF6 series connection type
1
2
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


Similar Part No. - HIF6-32DA-1.27DSL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
HIF6-020PA-1.27DS HIROSE-HIF6-020PA-1.27DS Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6-020PA-1.27DS HIROSE-HIF6-020PA-1.27DS Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
HIF6-020PA-1.27DSA HIROSE-HIF6-020PA-1.27DSA Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
More results

Similar Description - HIF6-32DA-1.27DSL

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
HIF6-020D-1.27R HIROSE-HIF6-020D-1.27R Datasheet
1Mb / 8P
   1.27mm Pitch Two-Piece Connector
HIF6 HIROSE-HIF6 Datasheet
758Kb / 18P
   1.27mm Pitch Two-Piece Connectors
FX2C-20S-1.27DSA HIROSE-FX2C-20S-1.27DSA Datasheet
821Kb / 31P
   1.27mm Pitch Multi-function Two Piece Connector
FX2 HIROSE-FX2 Datasheet
728Kb / 34P
   1.27mm Pitch Multi-function Two Piece Connector
FX2-100P-1.27SV71 HIROSE-FX2-100P-1.27SV71 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
FX2B-32SA-1.27R HIROSE-FX2B-32SA-1.27R Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
List of Unclassifed Man...
FX2B-68PA-127DS ETC-FX2B-68PA-127DS Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Hirose Electric
FX2C-020S-1.27DSA HIROSE-FX2C-020S-1.27DSA_1 Datasheet
610Kb / 28P
   1.27mm Pitch Multi-function Two Piece Connector
logo
Harwin Plc
P13-0123 HARWIN-P13-0123 Datasheet
60Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE
S13-503 HARWIN-S13-503 Datasheet
59Kb / 1P
   1.27mm MIN. CENTRE TWO-PIECE SPRING PROBE SLEEVE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com