Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF19L-8S-1SDGND Datasheet(PDF) 1 Page - Hirose Electric

Part # DF19L-8S-1SDGND
Description  1 mm Contact Pitch, Board-to-Cable, Board-to-FPC, Board-to-Micro-coaxial Cable Connectors
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HIROSE [Hirose Electric]
Direct Link  http://www.hirose-connectors.com
Logo HIROSE - Hirose Electric

DF19L-8S-1SDGND Datasheet(HTML) 1 Page - Hirose Electric

  DF19L-8S-1SDGND Datasheet HTML 1Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 2Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 3Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 4Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 5Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 6Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 7Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 8Page - Hirose Electric DF19L-8S-1SDGND Datasheet HTML 9Page - Hirose Electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
B253
DF19 Series
1 mm Contact Pitch, Board-to-Cable, Board-to-FPC,
Board-to-Micro-coaxial Cable Connectors
DF19-*P-1V(56)
DF19G-*S-1C(05)
Receptacle
DF19-*P-1V(56)
Plug
FPC
Discrete wire
DF19G-*S-1SD(05)
+DF19G-*S-1SD-GND
1.5±0.1
(1.7)
1.3±0.2
(0.78)
Micro-coaxial cable
Small configuration and board space
Horizontal mounting
Vertical mounting
DF19G-*P-1H(56)
FPC
7.2
8.2
DF19G-*S-1F-GND(05)
DF19G-*S-1F(05)
PCB
8.2
7.2
Receptacle
Micro-coaxial cable
DF19A-2830 / 3032 / 36SCFA
PCB
Plug
DF19
DF19
FPC
Twisted
pair cable
DF19
DF19
Notebook PC
Micro-coaxial cable
Overview
Industry and market accepted as “De facto” standard for LCD panel
connections (panels under 12 inches).
High-performance connectors for LVDS high-speed differential
signals.
■Features
1. Small configuration and board space
Thin design accepts discrete wire, thin micro-coaxial cable
(Ø1.5mm, Ø1.6mm max.) and FPC 1.7 mm maximum thick.
2. Common use of receptacle
The same receptacle will accept plugs terminated with discrete wire,
FPC or micro-coaxial cable.
3. Uniform external dimensions
The plug assembly external dimensions remain the same when is
terminated with discrete wire, FPC or micro- coaxial cable.
4. Variety of mounting styles
Device design engineers have a choice of mounting styles: top-
board, offset, reverse mount offset and vertical.
5. Ground connection
Metal grounding plates connect with the common ground line.
Applications
LCD connections in small consumer devices: digital cameras,
notebook computers, PDA’s. Any device requiring high-density
interconnection for consistent high speed transmission data rates.
Top-board mounting
Offset mounting
Reverse, offset mounting
Vertical mounting
Discrete wire
FPC
Micro-coaxial cable
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - DF19L-8S-1SDGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF19L-8S-1SDGND HIROSE-DF19L-8S-1SDGND Datasheet
868Kb / 10P
   1 mm-Pitch Low Profile Connector System for Wire to PCB Applications Suitable for use with Discrete Wire, FPC or Fine Coaxial Cable
More results

Similar Description - DF19L-8S-1SDGND

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
DF25L-20P-0.5H HIROSE-DF25L-20P-0.5H Datasheet
338Kb / 10P
   0.5 mm Contact Pitch, Board-to-FPC, Board-to-Fine Coaxial Ribbon Cable
DF40C2.0-30DS-0.4V51 HIROSE-DF40C2.0-30DS-0.4V51 Datasheet
1Mb / 16P
   0.4 mm Contact Pitch Board-to-Board /Board-to-FPC Connectors
DF19 HIROSE-DF19 Datasheet
536Kb / 13P
   1mm Contact Pitch, Board-to-Cable, Board-to-FPC,
DF30CJ-22DS HIROSE-DF30CJ-22DS Datasheet
865Kb / 11P
   0.4 mm Pitch, 0.9 mm Height, Board-to-Board / Board-to-FPC Connectors
DF18B-20DS-0.4V HIROSE-DF18B-20DS-0.4V Datasheet
433Kb / 8P
   0.4mm Contact Pitch, 1.5mm above the board, Board-to-Board / Board-to-FPC Connectors
DF37 HIROSE-DF37 Datasheet
792Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
DF37B-50DS-0.4V51 HIROSE-DF37B-50DS-0.4V51 Datasheet
875Kb / 10P
   0.4 mm Pitch, 0.98 mm Mated Height, Board-to-Board / Board-to-FPC Connectors
logo
EXCEL CELL ELECTRONIC C...
EFC-PM24 ECE-EFC-PM24 Datasheet
280Kb / 4P
   1 mm Contact Spacing, ZIF Type Board To FPC Connectors
logo
Hirose Electric
DF21-20S-0.6V HIROSE-DF21-20S-0.6V Datasheet
171Kb / 6P
   0.6mm Pitch Board-to-Fine-Coaxial Cable Connectors
DF23C-20DP-0.5V92 HIROSE-DF23C-20DP-0.5V92 Datasheet
180Kb / 7P
   0.5mm Pitch Low-Profile Board-to-Board/Board-to-FPC Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com